Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88149HLMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88149HLMGTR
Description  3.3V 1.25Gbps Burst-Mode Limiting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149HLMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88149HLMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 9Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 10Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
SY88149HL
June 2010
7
M9999-061110-I
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram
Detailed Description
The SY88149HL is a high-sensitivity limiting post amplifier
which operates on a +3.3V power supply over the
industrial temperature range. Signals with data rates up to
1.25Gbps and as small as 4mVpp can be amplified. Figure
1 shows the allowed input voltage swing. Depending upon
the LOS/SDSEL option, the SY88149HL can generate an
SD or LOS output, and allow feedback to the JAM input for
output stability. LOS/SDLVL sets the sensitivity of the input
amplitude detection.
To satisfy the stringent timing requirements of the GPON
specifications, the signal detect circuit offers 5ns SD
assert (LOS de-assert) time and the option to de-assert
SD (assert LOS) using the /AUTORESET or manual
RESET function. When /AUTORESET is enabled, SD
de-asserts/LOS asserts automatically within 100ns after
the last high-to-low transition of the input burst. When
the /AUTORESET function is disabled, the SD De-
assert/LOS Assert time can be reset by using the
provided RESET pin.
Input Buffer
Figure 2 shows a simplified schematic of the input stage.
The high sensitivity of the input amplifier allows signals as
small as 4mVpp to be detected and amplified. The input
buffer can allow input signals as large as 1800mVPP. Input
signals are linearly amplified with a typically 48dB
differential voltage gain until the outputs reach 1500mVPP
(typ). Applications requiring the SY88149HL to operate
with high-gain should have the upstream TIA placed as
close as possible to the SY88149HL’s input pins. This
ensures the best performance of the device.
Output Buffer
The SY88149HL’s LVPECL output buffer is designed to
drive 50
Ω lines. The output buffer requires appropriate
termination for proper operation. An external 50
resistor to VCC–2V for each output pin provides this.
Figure 3 shows a simplified schematic of the output
stage.
Loss of Signal/Signal Detect
The SY88149HL generates a chatter-free Signal-Detect
(SD) or LOS LVTTL output, as shown in Figure 4. A highly
sensitive signal detect circuit is used to determine that the
input amplitude is too small to be considered a valid input.
LOS asserts high if the input amplitude falls below the
threshold
set
by
LOS/SDLVL
and
de-asserts
low
otherwise. SD asserts high if the input amplitude rises
above the threshold set by LOS/SDLVL and de-asserts
low otherwise. LOS/SD can be fed back to the JAM input
to maintain output stability under the absence of an invalid
signal condition. Typically, a 3 dB hysteresis is provided to
prevent chattering.
LOS/SD Level Set
A programmable LOS/SD level set pin (LOS/SDLVL) sets
the threshold of the input amplitude detection. Connecting
an external resistor between VCC and LOS/SDLVL sets the
voltage at LOS/SDLVL. This voltage ranges from VCC to
VREF. The external resistor creates a voltage divider
between VCC and VREF, as shown in Figure 5. Set the
LOS/SDLVL voltage closer to VREF or more sensitive
LOS/SD detection or closer to VCC for higher amplitude
inputs.


Similar Part No. - SY88149HLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
More results

Similar Description - SY88149HLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149NDL MICREL-SY88149NDL_12 Datasheet
423Kb / 13P
   1.25Gbps Burst-Mode Limiting Amplifier
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88149HAL MICREL-SY88149HAL Datasheet
343Kb / 11P
   1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
M/A-COM Technology Solu...
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com