Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88149HL Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY88149HL
Description  3.3V 1.25Gbps Burst-Mode Limiting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149HL Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY88149HL_10 Datasheet HTML 3Page - Micrel Semiconductor SY88149HL_10 Datasheet HTML 4Page - Micrel Semiconductor SY88149HL_10 Datasheet HTML 5Page - Micrel Semiconductor SY88149HL_10 Datasheet HTML 6Page - Micrel Semiconductor SY88149HL_10 Datasheet HTML 7Page - Micrel Semiconductor SY88149HL_10 Datasheet HTML 8Page - Micrel Semiconductor SY88149HL_10 Datasheet HTML 9Page - Micrel Semiconductor SY88149HL_10 Datasheet HTML 10Page - Micrel Semiconductor SY88149HL_10 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Micrel, Inc.
SY88149HL
June 2010
8
M9999-061110-I
hbwhelp@micrel.com or (408) 955-1690
Timing Diagrams
a) No manual RESET & /AutoReset tied HIGH
b) No manual RESET & /AutoReset tied LOW
c) Manual RESET pulse & /AutoReset tied LOW
d) Manual RESET Pulse & /AutoReset tied LOW


Similar Part No. - SY88149HL_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
More results

Similar Description - SY88149HL_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149NDL MICREL-SY88149NDL_12 Datasheet
423Kb / 13P
   1.25Gbps Burst-Mode Limiting Amplifier
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88149HAL MICREL-SY88149HAL Datasheet
343Kb / 11P
   1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
M/A-COM Technology Solu...
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com