Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88216LMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88216LMGTR
Description  3.3V, 2.5Gbps Burst Mode Laser Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88216LMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88216LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88216LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88216LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88216LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88216LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88216LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88216LMGTR Datasheet HTML 9Page - Micrel Semiconductor SY88216LMGTR Datasheet HTML 10Page - Micrel Semiconductor SY88216LMGTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
SY88216L
July 2008
7
M9999-071108-C
hbwhelp@micrel.com or (408) 955-1690
Detailed Functional Description
The SY88216L burst mode laser driver is comprised
from a fast modulator, a fast bias circuit, and a digital
APC loop that allows for fast laser turn-ON time. The
modulator is comparable to a fast continuous mode
modulator that turns ON in the nanosecond range. The
bias circuit has a differential pair at the output to allow
for
fast
turn-ON
time.
Both
modulator
and
bias
differential pairs can be enabled for burst operation by
applying a high level signal at BEN+ pin and a low level
signal at BEN- pin.
The driver features a power monitoring function.
BIAS and Modulation Setting
Bias and modulation currents are set by installing
resistors from APCSET (pin24)-to-ground and from
MODSET (pin23)-to-ground respectively or by applying a
negative current at those pins. IBIAS variation versus
RAPCSET resistor, IBIAS variation versus RBIASMAX resistor,
and IMOD variation versus RMODSET resistor are shown on
Page 8.
BIASMAX
A resistor between the BIASMAX pin and ground sets
the maximum bias the driver can sink. At normal
operation, the bias current tracks the laser optical power
through the laser monitoring photodiode and the APC
loop to compensate for any power deviation from the
nominal value set at the start of operation using
APCSET. If any failure occurs (laser or photodiode
degradation, open feedback circuit etc.) the APC loop
keeps increasing the bias current in an effort to
compensate for the low power indication, the bias
current will then stop increasing when it reaches
BIASMAX value and continue to operate at that
maximum value and APCFAULT asserted.
BIASMAX also controls the bias current when the circuit
is operating in the open loop mode.
APC Loop Function
At start up, with the driver enabled and burst mode
enabled, the laser turns ON within a few microseconds
and its back facet monitoring photodiode starts to
generate a photocurrent proportional to the optical
power. The photocurrent is fed back to the MD pin on
the driver where it’s converted to a voltage. The
conversion voltage is compared to APCSET on the
driver. At equilibrium, the feedback voltage equals the
APCSET voltage and the laser optical power reaches its
nominal value. If the laser power deviates from its
nominal value, the APC loop brings it back to its nominal
setting. After everything is settled to its nominal value
and the BEN changes from high to low to disable the
burst mode, the instantaneous bias current value is
latched until BEN switches from low to high again. Then
the bias and modulation output stages turn ON and the
bias stays equal to the stored value until the feedback
from the monitoring photodiode reaches the APCSET
value and the APC closed loop starts to regulate the
laser power.
APC Loop Failure
The APCFAULT is asserted Low if the bias current
reaches BIASMAX or if the APC loop counter reaches its
minimum or its maximum counts.
Interfacing the Driver with the Laser Diode
As shown on the “Typical Application” drawing, MOD+
pin is connected to the laser cathode through a 10
resistor and MOD- pin is connected to VCC with a 15
resistor equivalent to 10
Ω (damping resistor) in series
with the laser (equivalent resistor of 5
Ω). The laser can
be driven differentially by connecting MOD- to the anode
of the laser through 15
Ω (15Ω pull-up removed) and
isolating the anode of the laser from VCC with an
inductor.
To
meet
the
stringent
laser
turn-ON
time,
per
BPON/GPON/EPON spec, the bias (BIAS+ pin) must be
connected to the cathode of the laser through a resistor
not an inductor as in continuous mode. BIAS- pin is
pulled-up to VCC.


Similar Part No. - SY88216LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216LMGTR MICREL-SY88216LMGTR Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
More results

Similar Description - SY88216LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com