Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88216L Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88216L
Description  3.3V, 2.5Gbps Burst Mode Laser Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88216L Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88216L_10 Datasheet HTML 1Page - Micrel Semiconductor SY88216L_10 Datasheet HTML 2Page - Micrel Semiconductor SY88216L_10 Datasheet HTML 3Page - Micrel Semiconductor SY88216L_10 Datasheet HTML 4Page - Micrel Semiconductor SY88216L_10 Datasheet HTML 5Page - Micrel Semiconductor SY88216L_10 Datasheet HTML 6Page - Micrel Semiconductor SY88216L_10 Datasheet HTML 7Page - Micrel Semiconductor SY88216L_10 Datasheet HTML 8Page - Micrel Semiconductor SY88216L_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SY88216L
July 2008
5
M9999-071108-C
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
TA = –40°C to +85°C and VCC = +3.0V to +3.6V. Unless otherwise noted, typical values are VCC = +3.3V,
TA = 25°C, IMOD = 25mA, IBIAS = 20mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Data Rate
NRZ
0.155
2.5
Gbps
IMOD
Modulation Current
(5)
AC-coupled
10
85
mA
DC-coupled, Voltage at MOD Pin
≥0.6V
10
70
(6)
mA
IMOD_OFF
Modulation OFF Current
Current at MOD+ when /EN is
High or BEN is High
150
µA
Current at MOD- when /EN is
High or BEN is Low
150
µA
tr
Output Current Rise Time
20% to 80%, IMOD = 60mA
60
85
ps
tf
Output Current Fall Time
20% to 80%, IMOD = 60mA
60
85
ps
Jitter
Total Jitter
(7)
155Mbps
30
psPP
622Mbps
30
1.25Gbps
30
2.5Gbps
30
tINIT
APC Loop Initialization Time
Power up with /En Low and BEN
High
12
µs
/EN Changes from High to Low
with Power ON and BEN High
10
µs
BEN Changes from Low to High
with Power ON and /EN Low
2.5
ns
Burst Enable Delay
(8, 9)
2.5
ns
Burst Disable Delay
(8, 10)
2
ns
Burst ON-Time
155Mbps
1.9
µs
622Mbps
720
ns
1.25Gbps
576
ns
2.5Gbps
576
ns
Burst OFF-Time
155Mbps
1.9
µs
622Mbps
720
ns
1.25Gbps
576
ns
2.5Gbps
576
ns
Notes:
5. Load = 15
Ω.
6. Assuming VCC = 3.0V, Laser bandgap voltage = 1V, laser package inductance = 1nH, laser equivalent series resistor = 5
Ω, and damping
resistor = 10
Ω.
7. Total jitter is measured using 2
7 – 1 PRBS pattern.
8. Measured with a laser equivalent resistive load.
9. Burst Enable Delay is measured as the time between the instant when the BEN+ signal going from low to high reaches 50% of its amplitude
and the instant at which the modulation current or the bias current (whichever takes longer) reaches 90% of its final value.
10. Burst Disable Delay is measured as the time between the instant when the BEN+ signal going from high to low reaches 50% of its amplitude
and the instant at which the modulation current or the bias current (whichever takes longer) goes below 10% of its final value.


Similar Part No. - SY88216L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216LMG MICREL-SY88216LMG Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216LMGTR MICREL-SY88216LMGTR Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
More results

Similar Description - SY88216L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com