Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88313BL Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88313BL
Description  3.3V, 3.2Gbps CML Low-Power Limiting Post
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88313BL Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88313BL Datasheet HTML 2Page - Micrel Semiconductor SY88313BL Datasheet HTML 3Page - Micrel Semiconductor SY88313BL Datasheet HTML 4Page - Micrel Semiconductor SY88313BL Datasheet HTML 5Page - Micrel Semiconductor SY88313BL Datasheet HTML 6Page - Micrel Semiconductor SY88313BL Datasheet HTML 7Page - Micrel Semiconductor SY88313BL Datasheet HTML 8Page - Micrel Semiconductor SY88313BL Datasheet HTML 9Page - Micrel Semiconductor SY88313BL Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SY88313BL
February 2007
7
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Functional Diagram
Detailed Description
The
SY88313BL
low-power
limiting
post
amplifier
operates from a single +3.3V power supply, over
temperatures from –40
oC to +85oC. Signals with data
rates up to 3.2Gbps and as small as 10mVPP can be
amplified. Figure 1 shows the allowed input voltage
swing. The SY88313BL generates a LOS output.
LOSLVL sets the sensitivity of the input amplitude
detection.
Input Amplifier/Buffer
Figure
2
shows
a
simplified
schematic
of
the
SY88313BL’s input stage. The high-sensitivity of the
input amplifier allows signals as small as 10mVPP to be
detected and amplified. The input amplifier also allows
input signals as large as 1800mVPP. Input signals are
linearly amplified with a typical 38dB differential voltage
gain. Since it is a limiting amplifier, the SY88313BL
outputs typically 800mVPP voltage-limited waveforms for
input signals that are greater than 12mVPP. Applications
requiring the SY88313BL to operate with high-gain
should have the upstream TIA placed as close as
possible to the SY88313BL’s input pins to ensure the
best performance of the device.
Output Buffer
The SY88313BL’s CML output buffer is designed to
drive 50
Ω lines. The output buffer requires appropriate
termination for proper operation. An external 50
resistor to VCC for each output pin provides this. Figure 3
shows a simplified schematic of the output stage.
Loss-of-Signal
The SY88313BL generates a chatter-free LOS open-
collector TTL output with an internal 4.75k
Ω pull
-up
resistor as shown in Figure 5. LOS is used to determine
that the input amplitude is large enough to be
considered a valid input. LOS asserts high if the input
amplitude falls below the threshold set by LOSLVL and
de-asserts low otherwise. LOS can be fed back to the
enable bar (EN) input to maintain output stability under a
loss of signal condition. /EN de-asserts the true output
signal without removing the input signals. Typical 3.4dB
LOS hysteresis is provided to prevent chattering.
Loss-of-Signal Level Set
A programmable LOS level set pin (LOSLVL) sets the
threshold of the input amplitude detection. Connecting
an external resistor between VCC and LOSLVL sets the
voltage at LOSLVL. This voltage ranges from VCC to VREF.
The external resistor creates a voltage divider between
VCC and VREF as shown in Figure 6.
Hysteresis
The SY88313BL provides typically 3.4dB LOS electrical
hysteresis. By definition, a power ratio measured in dB
is 10log (power ratio). Power is calculated as V
2
IN/R for
an electrical signal. Hence, the same ratio can be stated
as 20log (voltage ratio). While in linear mode, the
electrical voltage input changes linearly with the optical
power and therefore, the ratios change linearly. Thus,
the optical hysteresis in dB is half the electrical
hysteresis in dB given in the data sheet. Since the
SY88313BL is an electrical device, this data sheet refers
to hysteresis in electrical terms. With 3.4dB LOS
hysteresis, a voltage factor of 1.5 is required to assert or
de-assert LOS.


Similar Part No. - SY88313BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88313BLEY MICREL-SY88313BLEY Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88313BLEYTR MICREL-SY88313BLEYTR Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88313BLMG MICREL-SY88313BLMG Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88313BLMGTR MICREL-SY88313BLMGTR Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
More results

Similar Description - SY88313BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com