Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88345BLEY Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88345BLEY
Description  3.3V, 3.2Gbps CML Low-Power Limiting Post
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88345BLEY Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88345BLEY Datasheet HTML 1Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 2Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 3Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 4Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 5Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 6Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 7Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 8Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY88345BL
February 2007
4
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) .................................... 0V to +4.0V
Input Voltage (DIN, /DIN) ................................... 0 to VCC
Output Current (IOUT) ............................................+25mA
EN Voltage ......................................................... 0 to VCC
VREF Current……………………………-800uA to +500uA
SDLVL Voltage ................................................ VREF to VCC
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) .....................-65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC).................................+3.0V to +3.6V
Ambient Temperature (TA) .......................–40°C to +85°C
Junction Temperature (TJ) .....................–40°C to +125°C
Junction Thermal Resistance
QFN
(
θ
JA) Still-air ................................................ 61°C/W
(
Ψ
JB)............................................................ 38°C/W
EPAD-MSOP
(
θ
JA) Still-air ................................................ 38°C/W
(
Ψ
JB)............................................................ 22°C/W
DC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50
Ω to V
CC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
42
65
mA
SDLVL
SDLVL Voltage
VREF
VCC
V
VOH
CML Output HIGH Voltage
VCC-0.020 VCC-0.005
VCC
V
VOL
CML Output LOW Voltage
VCC = 3.3V
VCC-0.475 VCC-0.400 VCC-0.350
V
VOFFSET
Differential Output Offset
+80
mV
ZO
Single-Ended Output Impedance
40
50
60
ZI
Single-Ended Input Impedance
40
50
60
VREF
Reference Voltage
VCC-1.28
V
TTL DC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50
Ω to V
CC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
EN Input HIGH Voltage
2.0
V
VIL
EN Input LOW Voltage
0.8
V
IIH
EN Input HIGH Current
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
EN Input LOW Current
VIN = 0.5V
-300
µA
VOH
SD Output HIGH Level
VCC
≥ 3.3V, IOH (max) < 160µA
2.4
V
VCC < 3.3V, IOH (max) < 160µA
2.0
V
VOL
SD Output LOW Level
Sinking 2mA
0.5
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB.
Ψ
JB
uses 4-layer (
θ
JA) in still-air-number, unless otherwise stated.


Similar Part No. - SY88345BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88345BLEY MICREL-SY88345BLEY Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
SY88345BLEYTR MICREL-SY88345BLEYTR Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
More results

Similar Description - SY88345BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com