Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88345BLEY Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88345BLEY
Description  3.3V, 3.2Gbps CML Low-Power Limiting Post
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88345BLEY Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88345BLEY Datasheet HTML 1Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 2Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 3Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 4Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 5Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 6Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 7Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 8Page - Micrel Semiconductor SY88345BLEY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY88345BL
February 2007
5
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50
Ω to V
CC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 4
60
120
ps
tJITTER
Deterministic
Random
Note 5
Note 6
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
5
1800
mVPP
VOD
Differential Output Voltage Swing
VID > 10mVPP Figure 1
700
800
950
mVPP
TOFF
SD De-assert Time
2
10
µs
TON
SD Assert Time
2
10
µs
SDAL
Low SD Assert Level
RSDLVL = 15k
Ω, Note 8
4.5
mVPP
SDDL
Low SD De-assert Level
RSDLVL = 15k
Ω, Note 8
3.0
mVPP
HYSL
Low SD Hysteresis
RSDLVL = 15k
Ω, Note 7
3.5
dB
SDAM
Medium SD Assert Level
RSDLVL = 5k
Ω, Note 8
7.5
11
mVPP
SDDM
Medium SD De-assert Level
RSDLVL = 5k
Ω, Note 8
2
5.0
mVPP
HYSM
Medium SD Hysteresis
RSDLVL = 5k
Ω, Note 7
2
3.5
4.5
dB
SDAH
High SD Assert Level
RSDLVL = 100
Ω, Note 8
18
23
mVPP
SDDH
High SD De-assert Level
RSDLVL = 100
Ω, Note 8
8
12
mVPP
HYSH
High SD Hysteresis
RSDLVL = 100
Ω, Note 7
2
3.5
4.5
dB
B-3dB
3dB Bandwidth
2
GHz
AV(Diff)
Differential Voltage Gain
32
38
dB
S21
Single-ended Small-Signal Gain
26
32
dB
Notes:
4. Amplifier in limiting mode. Input is a 200MHz square wave.
5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP.
6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP.
7. This specification defines electrical hysteresis as 20log (SD Assert/SD De-assert). The ratio between optical hysteresis and
electrical hysteresis is found to vary between 1.5 and 2, depending upon the level of received optical power and ROSA
characteristics. Based upon that ratio, the optical hysteresis corresponding to the electrical hysteresis range 2dB-4.5dB, as
shown in the AC characteristics table, will be 1dB-3dB.
8. See “Typical Operating Characteristics” for a graph showing how to choose a particular RSDLVL for a particular SD assert and its
associated de-assert amplitude.


Similar Part No. - SY88345BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88345BLEY MICREL-SY88345BLEY Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
SY88345BLEYTR MICREL-SY88345BLEYTR Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
More results

Similar Description - SY88345BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com