Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88803VKGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY88803VKGTR
Description  3.3V/5V 155Mbps PECL LOW POWER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88803VKGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88803VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88803V
Micrel, Inc
M9999-051706
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) ....................................... 0V to +7.0V
Input Voltage (D
IN, /DIN) ......................................... 0 to VCC
Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
/EN Voltage ............................................................ 0 to V
CC
V
REF Current ......................................... –800µA to +500µA
LOS
LVL Voltage ...................................................... 0 to VCC
Lead Temperature (soldering, 20 sec.) ................... +260
°C
Storage Temperature (T
S) ....................... –55°C to +125°C
Operating Ratings(2)
Supply Voltage (V
CC) .............................. +3.0V to +3.6V or
............................................................ +4.5V to +5.5V
Ambient Temperature (T
A), Note 3 ............ –40°C to +85°C
Junction Temperature (T
J), Note 3 .......... –40°C to +120°C
Package Thermal Resistance
MSOP
JA) Still-Air .................................................. 113°C/W
JB) Still-Air .................................................... 74°C/W
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CC
Power Supply Current
no output load
25
42
mA
LOS
LVL
LOS
LVL Voltage
V
REF
V
CC
V
V
IH
/EN Input HIGH Voltage
2.0
V
V
IL
/EN Input LOW Voltage
0.8
V
I
IH
/EN Input HIGH Current
V
IN = 2.7V
20
µA
V
IN = VCC
100
µA
I
IL
/EN Input LOW Current
V
IN = 0.5V
–0.3
mA
V
OL
LOS Output LOW Level
I
OL = +2mA
0.5
V
I
OH
LOS Output Leakage
V
OH = 5.5V
250
µA
V
OH
PECL Output HIGH Voltage
50
Ω to V
CC–2V output load
V
CC–1.085 VCC–0.955 VCC–0.880
V
V
OL
PECL Output LOW Voltage
50
Ω to V
CC–2V output load
V
CC–1.830 VCC–1.705 VCC–1.555
V
V
OFFSET
Differential Output Offset
±100
mV
V
IHCMR
Common Mode Range
Note 5
GND +1.7
V
CC
V
V
REF
Reference Voltage
Note 6
V
CC–1.38
V
CC–1.32
V
CC–1.26
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Commercial devices are guaranteed from 0
°C to +85°C ambient temperature.
4. Specification for packaged product only.
5. The VIHCMR range is referenced to the most positive side of the differential input signal.
6. The current provided into or from V
REF must be limited to 800µA source and 500µA sink.
DC ELECTRICAL CHARACTERISTICS(4)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn