Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88803VKGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part No. SY88803VKGTR
Description  3.3V/5V 155Mbps PECL LOW POWER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88803VKGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88803VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88803VKGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SY88803V
Micrel, Inc
M9999-051706
hbwhelp@micrel.com or (408) 955-1690
3.3V/5V 155Mbps PECL LOW POWER
LIMITING POST AMPLIFIER W/TTL LOS
SY88803V
Rev.: D
Amendment: /0
Issue Date:
May 2006
TYPICAL APPLICATIONS CIRCUIT
APPLICATIONS
s 155Mbps SONET/SDH
s Small form factor transceivers
s High-gain line driver and line receiver
s Single 3.3V or 5V power supply
s Up to 155Mbps operation
s Low noise PECL data outputs
s Chatter-free TTL Loss-of-Signal (LOS) output
s TTL /EN input
s Programmable LOS level set (LOS
LVL)
s Available in a tiny 10-pin MSOP (3mm) package
FEATURES
DESCRIPTION
The SY88803V low power limiting post amplifier is
designed for use in fiber-optic receivers. The device connects
to typical transimpedance amplifiers (TIAs). The linear signal
output from TIAs can contain significant amounts of noise
and may vary in amplitude over time. The SY88803V
quantizes these signals and outputs PECL level waveforms.
The SY88803V operates from a single +3.3V or +5V
power supply, over temperatures ranging from –40
°C to
+85
°C. With its wide bandwidth and high gain, signals with
data rates up to 155Mbps and as small as 5mVp-p can be
amplified to drive devices with PECL inputs.
The SY88803V generates a TTL LOS output. A
programmable loss-of-signal level set pin (LOS
LVL) sets the
sensitivity of the input amplitude detection. LOS asserts
high if the input amplitude falls below the threshold set by
LOS
LVL and deasserts low otherwise. /EN deasserts the
true output signal without removing the input signal. Typically
4.6dB loss-of-signal hysteresis is provided to prevent
chattering.
VCC
VCC
/EN
GND
GND
To
CDR
SY88803V
3k
From
Transimpedance
Amp.
DOUT
/DOUT
VREF
VCC
LOSLVL
DIN
/DIN
0.1
µF
0.1
µF
0.1
µF
0.1
µF
LOS
50
2.5k
50
100
Rpd
Rpd
For 3.3V, Rpd = 120Ω
For 5V, Rpd = 220Ω


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn