Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88803VKCTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY88803VKCTR
Description  3.3V/5V 155Mbps PECL LOW POWER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88803VKCTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY88803VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 7Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SY88803V
Micrel, Inc.
M9999-051706
hbwhelp@micrel.com or (408) 955-1690
DATA+
2.5mV (Min.)
900mV (Max.)
5mVp-p (Min.)
1800mVp-p (Max.)
DATA—
(DATA+) — (DATA—)
VIS(mVp-p)
VID(mVp-p)
Figure 1. V
IS and VID Definitions
GND
VCC
ESD
STRUCTURE
/DIN
DIN
Figure 2. Input Structure
GND
VCC
/DOUT
ESD
STRUCTURE
DOUT
Figure 3. Output Structure
LOSLVL
VCC
R1
R2
VREF
Figure 5. LOS
LVL Setting Circuit
Notes. LOS
V
– 1.32V
R2
R1 R2
1.32V
R1 R2
2 k
LVL
CC
=+
+
×
+≥ .6 Ω
LOS
2.5k
VCC
Figure 4. LOS Output Structure


Similar Part No. - SY88803VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88803VKCTR MICREL-SY88803VKCTR Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803VKCTR MICREL-SY88803VKCTR Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
More results

Similar Description - SY88803VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
logo
Golledge Electronics Lt...
GVXO-34 GOLLEDGE-GVXO-34_15 Datasheet
126Kb / 1P
   3.3V & 5V VCXO - Complementary PECL
logo
Micrel Semiconductor
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
   3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
   5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88703V MICREL-SY88703V Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com