Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CMY91 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. CMY91
Description  GaAs MMIC (GaAs mixer with integrated IF-amplifier for mobile communication)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CMY91 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GaAs MMIC
CMY 91
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/9
16.12.96
HL EH PD21
Electrical characteristics at TA = 25°C / VD = 3 V unless otherwise specified
Characteristics of 1900MHz application (see page app. circuit)
Parameters
Symbol
min
typ
max
Unit
Drain-source breakdown voltage
IIF = 500 µA
VLO-GND = 0 V
VRF-GND = 4 V
CAP-pin not connected
V(BR)
IF-GND
8-
-
V
Drain current
VRF-GND = 0 V
VLO-GND = 0 V
VIF-GND = 3 V
CAP-pin not connected
ID
0.8
1
1.4
mA
Conversion gain
fRF = 1900 MHz fLO = 1800 MHz
fIF = 100 MHz
PLO = -3 dBm
G
C
-5-
dB
Single sideband noise figure
fRF = 1900 MHz fLO = 1800 MHz
fIF = 100 MHz
PLO = -3 dBm
F
SSB
-
10.5
-
dB
3rd order intermodulation
fRF = 1900 MHz fLO = 1800 MHz
fIF = 100 MHz
PLO = -3 dBm
IP3
-
-2
-
dBm
LO/RF isolation
f = 1800 MHz
Iso
LO/RF
-8-
dB
TA = 25°C / VD = 3 V; CAP-pin connected to ground by 680Ω resistor
Parameters
Symbol
min
typ
max
Unit
Drain current
VRF-GND = 0 V
VLO-GND = 0 V
VIF-GND = 3 V
ID
-
2.5
-
mA
Conversion gain
fRF = 1900 MHz fLO = 1800 MHz
fIF = 100 MHz
PLO = -3 dBm
G
C
-
7.5
-
dB
Single sideband noise figure
fRF = 1900 MHz fLO = 1800 MHz
fIF = 100 MHz
PLO = -3 dBm
F
SSB
-
9.5
-
dB
3rd order intermodulation
fRF = 1900 MHz fLO = 1800 MHz
fIF = 100 MHz
PLO = -3 dBm
IP3
-
0
-
dBm
LO/RF isolation
f = 1800 MHz
Iso
LO/RF
-8
-
dB
Not used ports were terminated by 50
Ω.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121AGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC483MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 0.7 - 1.4 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CGY92GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY94GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8125GRUP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn