Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMY91 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # CMY91
Description  GaAs MMIC (GaAs mixer with integrated IF-amplifier for mobile communication)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CMY91 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  CMY91 Datasheet HTML 1Page - Siemens Semiconductor Group CMY91 Datasheet HTML 2Page - Siemens Semiconductor Group CMY91 Datasheet HTML 3Page - Siemens Semiconductor Group CMY91 Datasheet HTML 4Page - Siemens Semiconductor Group CMY91 Datasheet HTML 5Page - Siemens Semiconductor Group CMY91 Datasheet HTML 6Page - Siemens Semiconductor Group CMY91 Datasheet HTML 7Page - Siemens Semiconductor Group CMY91 Datasheet HTML 8Page - Siemens Semiconductor Group CMY91 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GaAs MMIC
CMY 91
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 2/9
16.12.96
HL EH PD21
Electrical characteristics at TA = 25°C / VD = 3 V unless otherwise specified
Characteristics of 900MHz test and application circuit (see page app. circuit)
Parameters
Symbol
min
typ
max
Unit
Drain-source breakdown voltage
IIF = 500 µA
VLO-GND = 0 V
VRF-GND = 4 V
CAP-pin not connected
V(BR)
IF-GND
8-
-
V
Drain current
VRF-GND = 0 V
VLO-GND = 0 V
VIF-GND = 3 V
CAP-pin not connected
ID
0.8
1
1.4
mA
Conversion gain
fRF = 920 MHz
fLO = 965 MHz
fIF = 45 MHz
PLO = -3 dBm
G
C
-
5.5
-
dB
Single sideband noise figure
fRF = 920 MHz
fLO = 965 MHz
fIF = 45 MHz
PLO = -3 dBm
F
SSB
-9-
dB
3rd order intermodulation
fRF = 920 MHz
fLO = 965 MHz
fIF = 45 MHz
PLO = -3 dBm
IP3
-
-2
-
dBm
LO/RF isolation
f = 965 MHz
Iso
LO/RF
-11
-
dB
TA = 25°C / VD = 3 V; CAP-pin connected to ground by 680Ω resistor
Parameters
Symbol
min
typ
max
Unit
Drain current
VRF-GND = 0 V
VLO-GND = 0 V
VIF-GND = 3 V
ID
-
2.5
-
mA
Conversion gain
fRF = 920 MHz
fLO = 965 MHz
fIF = 45 MHz
PLO = -3 dBm
G
C
-
9.5
-
dB
Single sideband noise figure
fRF = 920 MHz
fLO = 965 MHz
fIF = 45 MHz
PLO = -3 dBm
F
SSB
-
8.0
dB
3rd order intermodulation
fRF = 920 MHz
fLO = 965 MHz
fIF = 45 MHz
PLO = -3 dBm
IP3
-
0
-
dBm
LO/RF isolation
f = 965 MHz
Iso
LO/RF
-11
-
dB
Not used ports were terminated by 50
Ω.
Please make sure that LO-signal is clean of noise and spurious at f = fLO +/- fIF


Similar Part No. - CMY91

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMY1302 CANOPUS-CMY1302 Datasheet
532Kb / 1P
   Mylar Speaker
CMY1303 CANOPUS-CMY1303 Datasheet
532Kb / 1P
   Mylar Speaker
CMY1504A080AZ CANOPUS-CMY1504A080AZ Datasheet
532Kb / 1P
   Mylar Speaker
CMY1504A080TE CANOPUS-CMY1504A080TE Datasheet
532Kb / 1P
   Mylar Speaker
CMY1504A080TW CANOPUS-CMY1504A080TW Datasheet
532Kb / 1P
   Mylar Speaker
More results

Similar Description - CMY91

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
Hittite Microwave Corpo...
HMC665LP4 HITTITE-HMC665LP4 Datasheet
664Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
HMC622LP4 HITTITE-HMC622LP4 Datasheet
327Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz
logo
Siemens Semiconductor G...
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
CGY121A SIEMENS-CGY121A Datasheet
94Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com