Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CMY91 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. CMY91
Description  GaAs MMIC (GaAs mixer with integrated IF-amplifier for mobile communication)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CMY91 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GaAs MMIC
CMY 91
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 1/9
16.12.96
HL EH PD21
D a t a s h e e t
* GaAs mixer with integrated IF-amplifier for mobile
communication
* Frequency range 0.8 GHz to 2.5 GHz
* Very low power consumption (1mA typ.)
* Single positive supply voltage
* Operating voltage range: 2.7 to 6 V
* Miniature package MW6 based on SOT23
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
6
5
4
3
2
1
LO
GND
RF
CAP
GND
IF
Type
Marking
Ordering code (taped)
Package 1)
CMY 91
M2
Q62702-M9
MW-6
RF(in)[6]
CAP(1)[1]
IF(out)[3]
LO(in)[4]
GND[2;5]
Maximum ratings
Symbol
Unit
Drain-source voltage
VIF-GND
8V
Gate-source voltage range
VLO-GND
-5 ... 0
V
Drain current
IIF
20
mA
RF- / LO-peak current
+IRF, +ILO
2mA
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
-55...+150
°C
Total power dissipation (T
S = tbd °C)
2)
Ptot
160
mW
Thermal resistance
Channel-soldering point GND
RthChS
350
K/W
1) Dimensions see chapter Package Outlines
2) TS: Temperature measured at soldering point GND


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121AGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC483MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 0.7 - 1.4 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CGY92GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY94GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8125GRUP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn