Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMY91 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. CMY91
Description  GaAs MMIC (GaAs mixer with integrated IF-amplifier for mobile communication)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CMY91 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GaAs MMIC
CMY 91
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/9
16.12.96
HL EH PD21
900MHz measurement and application circuit (Figure 1)
printed
inductor
1nF
2)
LO in
1nF
IF out
Udc=3V
3)
1)
100pF
470nH
680Ohms
RF in
33pF
47pF
45MHz
4.7pF
27nH
920MHz
965MHz
1) Siemens SIMID 01-coil; Ordering code: B82412-A3270-M
2) Optional resistor increases IF-amplifier operating current and improves
conversion gain and intermodulation performance
(minimum value: 27
Ω)
3) Siemens SIMID 01-coil; Ordering code: B82412-A3471-K


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121AGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC483MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 0.7 - 1.4 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CGY92GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY94GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8125GRUP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn