Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89112UMYTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89112UMYTR
Description  2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89112UMYTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89112UMYTR Datasheet HTML 1Page - Micrel Semiconductor SY89112UMYTR Datasheet HTML 2Page - Micrel Semiconductor SY89112UMYTR Datasheet HTML 3Page - Micrel Semiconductor SY89112UMYTR Datasheet HTML 4Page - Micrel Semiconductor SY89112UMYTR Datasheet HTML 5Page - Micrel Semiconductor SY89112UMYTR Datasheet HTML 6Page - Micrel Semiconductor SY89112UMYTR Datasheet HTML 7Page - Micrel Semiconductor SY89112UMYTR Datasheet HTML 8Page - Micrel Semiconductor SY89112UMYTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
SY89112U
March 2011
3
M9999-030211-E
hbwhelp@micrel.com
Ordering Information
Part Number
Package Type
Operating Range
Package Marking
Lead Finish
SY89112UMI
QFN-44
Industrial
SY89112U
Sn-Pb
SY89112UMITR
(2)
QFN-44
Industrial
SY89112U
Sn-Pb
SY89112UMY
QFN-44
Industrial
SY89112U with
Pb-Free bar-line indicator
Matte-Sn
Pb-Free
SY89112UMYTR
(2)
QFN-44
Industrial
SY89112U with
Pb-Free bar-line indicator
Matte-Sn
Pb-Free
Notes:
1.
Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2.
Tape and Reel.
Pin Configuration
44-Pin QFN
or (408) 955-1690


Similar Part No. - SY89112UMYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89112UMYTR MICREL-SY89112UMYTR Datasheet
682Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112UMYTR MICREL-SY89112UMYTR Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89112UMYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89112U MICREL-SY89112U_14 Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112U MICREL-SY89112U Datasheet
682Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113U MICREL-SY89113U_10 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113U MICREL-SY89113U Datasheet
628Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
logo
Silicon Laboratories
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
   1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
   Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com