Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88982LMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY88982LMGTR
Description  3.3V, 2.7Gbps High-Current, Low-Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88982LMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY88982LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88982LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88982LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88982LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88982LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88982LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88982LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88982LMGTR Datasheet HTML 9Page - Micrel Semiconductor SY88982LMGTR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Micrel, Inc.
SY88982L
December 2009
10
M9999-121009-A
hbwhelp@micrel.com or (408) 955-1690
Package Information
16-Pin (3mm x 3mm) QFN
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel
for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a
product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended
for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant
injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk
and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - SY88982LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88982LMGTR MICREL-SY88982LMGTR Datasheet
2Mb / 10P
   3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
More results

Similar Description - SY88982LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
2Mb / 10P
   3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
SY88782L MICREL-SY88782L_10 Datasheet
661Kb / 8P
   3.3V, 1.25Gbps High-Current, Low-Power
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com