Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89113UMYTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89113UMYTR
Description  2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89113UMYTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89113UMYTR Datasheet HTML 3Page - Micrel Semiconductor SY89113UMYTR Datasheet HTML 4Page - Micrel Semiconductor SY89113UMYTR Datasheet HTML 5Page - Micrel Semiconductor SY89113UMYTR Datasheet HTML 6Page - Micrel Semiconductor SY89113UMYTR Datasheet HTML 7Page - Micrel Semiconductor SY89113UMYTR Datasheet HTML 8Page - Micrel Semiconductor SY89113UMYTR Datasheet HTML 9Page - Micrel Semiconductor SY89113UMYTR Datasheet HTML 10Page - Micrel Semiconductor SY89113UMYTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
SY89113U
December 2007
M9999-120607
hbwhelp@micrel.com or (408) 955-1690
7
AC Electrical Characteristics
(8)
VCC = +2.5V ±5%; TA = –40°C to + 85°C, RL = 100
Ω across the output pair, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
VOUT
≥ 200mV
1
GHz
tPD
Propagation Delay
CLK0-to-Q
CLK1-to-Q
CLK_SEL-to-Q
VIN
≥ 100mV
625
750
975
ps
VIN
≥ 200mV
700
900
1200
ps
500
700
900
ps
tPD
Tempco
Differential Propagation Delay Temperature
Coefficient
90
fs/
oC
tS
Set-up Time
EN-to-CLK0
EN-to-CLK1
Note 9
100
ps
Note 9
0
ps
tH
Hold Time
CLK0-to-EN
CLK1-to-EN
Note 9
500
ps
Note 9
600
ps
tSKEW
Output-to-Output Skew
Note 10
25
ps
Part-to-Part Skew CLK0
Part-to-Part Skew CLK1
Note 11
200
ps
Note 11
250
ps
tJITTER
Cycle-to-Cycle Jitter
Note 12
1
psRMS
Random Jitter (RJ)
Note 13
1
psRMS
Total Jitter (TJ)
Note 14
10
psPP
Adjacent Channel Crosstalk-induced Jitter
Note 15
0.7
psRMS
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing.
80
150
250
ps
Notes:
8.
High-frequency AC-parameters are guaranteed by design and characterization.
9.
Set-up and hold times apply to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous
applications, set-up and hold do not apply.
10. Output-to-output skew is measured between two different outputs under identical input transitions.
11. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at
the respective inputs
12. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
13. Random jitter is measured with a K28.7 character pattern, measured at <fMAX.
14. Total jitter definition: with an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
15. Crosstalk-induced jitter is defined as: the added jitter that results from signals applied to two adjacent channels. It is measured at the output
while applying two similar, differential clock frequencies that are asynchronous with respect to each other at the inputs.


Similar Part No. - SY89113UMYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89113UMYTR MICREL-SY89113UMYTR Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89113UMYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113U MICREL-SY89113U Datasheet
628Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89112U MICREL-SY89112U_11 Datasheet
696Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
SY89112U MICREL-SY89112U_14 Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112U MICREL-SY89112U Datasheet
682Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Renesas Technology Corp
8S89200 RENESAS-8S89200 Datasheet
656Kb / 21P
   Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
February 8, 2016
logo
Integrated Device Techn...
8S89200 IDT-8S89200 Datasheet
428Kb / 20P
   Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
   1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
ON Semiconductor
NB3V8312C ONSEMI-NB3V8312C Datasheet
199Kb / 11P
   Ultra-Low Jitter, Low Skew 1:12 LVCMOS/LVTTL Fanout Buffer
August, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com