Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89113U Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89113U
Description  2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89113U Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89113U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89113U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89113U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89113U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89113U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89113U_10 Datasheet HTML 9Page - Micrel Semiconductor SY89113U_10 Datasheet HTML 10Page - Micrel Semiconductor SY89113U_10 Datasheet HTML 11Page - Micrel Semiconductor SY89113U_10 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel, Inc.
SY89113U
December 2007
M9999-120607
hbwhelp@micrel.com or (408) 955-1690
8
Typical Operating Characteristics
VCC = 2.5V, GND = 0, VIN = 400mV, RL = 100
Ω across the output pair; T
A = 25°C, unless otherwise stated.
Functional Characteristics
VCC = 2.5V, GND = 0, VIN = 400mV, RL = 100
Ω across the output pair; T
A = 25°C, unless otherwise stated.


Similar Part No. - SY89113U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89113UMG MICREL-SY89113UMG Datasheet
628Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89113UMGTR MICREL-SY89113UMGTR Datasheet
628Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89113UMY MICREL-SY89113UMY Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113UMYTR MICREL-SY89113UMYTR Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89113U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89113U MICREL-SY89113U Datasheet
628Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89112U MICREL-SY89112U_11 Datasheet
696Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
SY89112U MICREL-SY89112U_14 Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112U MICREL-SY89112U Datasheet
682Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Renesas Technology Corp
8S89200 RENESAS-8S89200 Datasheet
656Kb / 21P
   Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
February 8, 2016
logo
Integrated Device Techn...
8S89200 IDT-8S89200 Datasheet
428Kb / 20P
   Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
   1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
ON Semiconductor
NB3V8312C ONSEMI-NB3V8312C Datasheet
199Kb / 11P
   Ultra-Low Jitter, Low Skew 1:12 LVCMOS/LVTTL Fanout Buffer
August, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com