Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89221U Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY89221U
Description  Precision 1:15 LVPECL Fanout Buffer with
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89221U Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY89221U Datasheet HTML 7Page - Micrel Semiconductor SY89221U Datasheet HTML 8Page - Micrel Semiconductor SY89221U Datasheet HTML 9Page - Micrel Semiconductor SY89221U Datasheet HTML 10Page - Micrel Semiconductor SY89221U Datasheet HTML 11Page - Micrel Semiconductor SY89221U Datasheet HTML 12Page - Micrel Semiconductor SY89221U Datasheet HTML 13Page - Micrel Semiconductor SY89221U Datasheet HTML 14Page - Micrel Semiconductor SY89221U Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Micrel, Inc.
SY89221U
August 2007
11
M9999-082407-C
hbwhelp@micrel.com or (408) 955-1690
Timing Diagrams
Figure 2c. Reset with Output Enabled


Similar Part No. - SY89221U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89221U MICREL-SY89221U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89221UHY MICREL-SY89221UHY Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89221UHYTR MICREL-SY89221UHYTR Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
More results

Similar Description - SY89221U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
   ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY898531L MICREL-SY898531L Datasheet
438Kb / 12P
   Precision Differential 3.3V Low Skew LVPECL 1:9 Fanout Buffer
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com