Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89221U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89221U
Description  Precision 1:15 LVPECL Fanout Buffer with
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89221U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89221U Datasheet HTML 2Page - Micrel Semiconductor SY89221U Datasheet HTML 3Page - Micrel Semiconductor SY89221U Datasheet HTML 4Page - Micrel Semiconductor SY89221U Datasheet HTML 5Page - Micrel Semiconductor SY89221U Datasheet HTML 6Page - Micrel Semiconductor SY89221U Datasheet HTML 7Page - Micrel Semiconductor SY89221U Datasheet HTML 8Page - Micrel Semiconductor SY89221U Datasheet HTML 9Page - Micrel Semiconductor SY89221U Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Micrel, Inc.
SY89221U
August 2007
6
M9999-082407-C
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)............................... –0.5V to +4.0V
Input Voltage (VIN) .......................................–0.5V to VCC
Termination Current
Source or sink current on VT........................±100mA
LVPECL Output Current (IOUT)
Continuous.......................................................50mA
Surge .............................................................100mA
Input Current
Source or sink current on IN, /IN ...................±50mA
Operating Ratings
(2)
Supply Voltage (VIN).................+2.375V to +2.625V or
............................................... +3.0V to 3.6V
Ambient Temperature (TA)..................–40°C to +85°C
Package Thermal Resistance
(4)
TQFP
Still-air (
θJA) ............................................35°C/W
Junction-to-board (
ψJB) ..........................20°C/W
VREF-AC Current
(3)
Source or sink current on VREF-AC ....................±2mA
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts)……...………–65°C to +150°C
DC Electrical Characteristics
(5)
VCC = +2.5V ±5% or 3.3V ±10%, TA = –40°C to +85°C unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Positive Supply Voltage Range
2.375
3.0
2.625
3.6
V
ICC
Power Supply Current
140
190
mA
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
RIN
Input Resistance
(IN-to-VT, /IN-to-VT)
45
50
55
VIH
Input HIGH Voltage (IN, /IN)
1.2
VCC
V
VIL
Input LOW Voltage (IN, /IN)
0
VIH–0.1
V
VIN
Input Voltage Swing (IN, /IN)
See Figure 1a; Note 6
0.1
2.5
V
VDIFF_IN
Differential Input Voltage Swing
|IN – /IN|
See Figure 1b
0.2
V
VIN_FSI
Input Voltage Threshold that
Triggers FSI
30
100
mV
VREF-AC
Reference Voltage
VCC–1.3
VCC–1.2
VCC–1.1
V
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability use for input of the same package only.
4.
ψJB and θJA values are determined for a 4-layer board in still-air number, unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIN(max) is specified when VT is floating.


Similar Part No. - SY89221U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89221U MICREL-SY89221U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89221UHY MICREL-SY89221UHY Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89221UHYTR MICREL-SY89221UHYTR Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
More results

Similar Description - SY89221U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
   ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY898531L MICREL-SY898531L Datasheet
438Kb / 12P
   Precision Differential 3.3V Low Skew LVPECL 1:9 Fanout Buffer
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com