Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89295UTITR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89295UTITR
Description  2.5V/3.3V 1.5GHz Precision LVPECL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295UTITR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89295UTITR Datasheet HTML 3Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 4Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 5Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 6Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 7Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 8Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 9Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 10Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Micrel, Inc.
SY89295U
March 2011
7
M9999-032511
hbwhelp@micrel.com or (408) 955-1690
DC Electrical Characteristics(4) (Continued)
VCC = 2.5V, TA = –40°C to 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage (IN, /IN)
1.275
1.62
V
VIL
Input Low High Voltage (IN, /IN)
0.555
0.875
V
VBB
Output Voltage Reference
1.175
1.075
0.975
V
VEF
Mode Connection
1.10
1.20
1.30
V
VCF
Input Select Voltage
1.15
1.25
1.35
V
LVPECL Outputs DC Electrical Characteristics(4)
VCC = 3.3V; RLOAD = 50Ω to VCC−2V; TA = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOH
Output HIGH Voltage (Q, /Q)
2.155
2.280
2.405
V
VOL
Output LOW Voltage (Q, /Q)
1.355
1.480
1.605
V
VOUT
Output Voltage Swing (Q, /Q)
See Figure 1a.
550
800
mV
VDIFF_OUT
Differential Output Voltage Swing
(Q, /Q)
See Figure 1b.
1.1
1.6
V
LVPECL Outputs DC Electrical Characteristics(5)
VCC = 2.5V; RLOAD = 50Ω to VCC−2V; TA = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCC
Output HIGH Voltage (Q, /Q)
1.355
1.480
1.605
V
IEE
Output LOW Voltage (Q, /Q)
0.555
0.68
0.805
V
VIN
Output Voltage Swing (Q, /Q)
See Figure 1a.
550
800
mV
VDIFF_OUT
Differential Output Voltage Swing
(Q, /Q)
See Figure 1b.
1.1
1.6
V
LVTTL/CMOS DC Electrical Characteristics(6)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
40
µA
IIL
Input LOW Current
−300
µA
Notes:
5.
The circuit is designed to meet the DC specifications shown in the table above after thermal equilibrium has been established. VOH and VOL
parameters vary 1:1 with VCC.
6.
The circuit is designed to meet the DC specifications shown in the table above after thermal equilibrium has been established.


Similar Part No. - SY89295UTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89295UTITR MICREL-SY89295UTITR Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295UTITR MICREL-SY89295UTITR Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
More results

Similar Description - SY89295UTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_06 Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
SY89296U MICREL-SY89296U Datasheet
618Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
NX252 PERICOM-NX252 Datasheet
691Kb / 2P
   2.5V/3.3V LVPECL XO
NX322 PERICOM-NX322 Datasheet
667Kb / 2P
   2.5V/3.3V LVPECL XO
JX322 PERICOM-JX322 Datasheet
635Kb / 2P
   2.5V/3.3V LVPECL XO
NX702 PERICOM-NX702 Datasheet
806Kb / 2P
   2.5V/3.3V LVPECL XO
JX702 PERICOM-JX702 Datasheet
712Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com