Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89228UMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89228UMGTR
Description  1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89228UMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89228UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89228UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89228UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89228UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89228UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY89228UMGTR Datasheet HTML 11Page - Micrel Semiconductor SY89228UMGTR Datasheet HTML 12Page - Micrel Semiconductor SY89228UMGTR Datasheet HTML 13Page - Micrel Semiconductor SY89228UMGTR Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Micrel, Inc.
SY89228U
August 2007
M9999-080707-A
hbwhelp@micrel.com or (408) 955-1690
10
Figure 1d. Divider Operation Timing Diagram


Similar Part No. - SY89228UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89228UMGTR MICREL-SY89228UMGTR Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
More results

Similar Description - SY89228UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89230U MICREL-SY89230U Datasheet
465Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY89231U MICREL-SY89231U Datasheet
446Kb / 15P
   3.2GHz Precision, LVDS 첨3, 첨5 Clock Divider
SY89229U MICREL-SY89229U Datasheet
516Kb / 16P
   1GHz Precision, LVDS 첨3, 첨5 Clock Divider with Fail Safe Input and Internal Termination
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com