Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89322V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89322V
Description  3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89322V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89322V Datasheet HTML 1Page - Micrel Semiconductor SY89322V Datasheet HTML 2Page - Micrel Semiconductor SY89322V Datasheet HTML 3Page - Micrel Semiconductor SY89322V Datasheet HTML 4Page - Micrel Semiconductor SY89322V Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY89322V
Micrel, Inc.
M9999-060809
hbwhelp@micrel.com or (408) 955-1690
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
1, 2,
Q0, /Q0,
100k ECL Output
Differential LVPECL Outputs: Default to LOW if IN input left open. See
3, 4
Q1, /Q1
“Output Interface Applications” section for recommendations on terminations.
5
GND,
Ground
GND and exposed pad must be tied to ground plane.
Exposed Pad
6, 7
IN1, IN0
TTL/LVTTL Input
Single-ended TTL Inputs.
8
VCC
Power
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors.
PACKAGE/ORDERING INFORMATION
Q0
/Q0
Q1
LVTTL
/Q1
VCC
IN0
IN1
LVPECL
GND
1
2
3
4
8
7
6
5
8-Pin MLF®
Ultra-Small Outline (2mm
××××× 2mm)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89322VMITR
MLF-8
Industrial
322
Sn-Pb
SY89322VMGTR(1)
MLF-8
Industrial
322 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1. Pb-Free package is recommended for new designs.


Similar Part No. - SY89322V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89322VMGTR MICREL-SY89322VMGTR Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89322VMITR MICREL-SY89322VMITR Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89322VMITR MICREL-SY89322VMITR Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY89322V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Circuit Syst...
ICS853052 ICST-ICS853052 Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Micrel Semiconductor
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com