Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89327L Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89327L
Description  3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89327L Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY89327L_07 Datasheet HTML 1Page - Micrel Semiconductor SY89327L_07 Datasheet HTML 2Page - Micrel Semiconductor SY89327L_07 Datasheet HTML 3Page - Micrel Semiconductor SY89327L_07 Datasheet HTML 4Page - Micrel Semiconductor SY89327L_07 Datasheet HTML 5Page - Micrel Semiconductor SY89327L_07 Datasheet HTML 6Page - Micrel Semiconductor SY89327L_07 Datasheet HTML 7Page - Micrel Semiconductor SY89327L_07 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Precision Edge®
SY89327L
Micrel, Inc.
M9999-071707
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE APPLICATIONS
IN
/IN SY89327L
LVTTL
2.5kΩ
1%
VCC(DRIVER)
VCC(327)
VCC(DRIVER)
Figure 4. 3.3V "TTL"
CML
IN
/IN
VCC(DRIVER)
VCC(327)
VCC(DRIVER)
102Ω
1%
SY89327L
Figure 5. CML-DC Coupled
IN
/IN
SY89327L
2.5V
LVTTL
2.5kΩ
1%
2.3V to 2.7V
VCC
Figure 6. 2.5V "TTL"
PECL
IN
/IN
51Ω
1%
51Ω
1%
VCC(DRIVER)
VCC(327)
VCC(DRIVER)
SY89327L
VCC–2V
Figure 7. PECL-DC Coupled
HSTL
IN
/IN
SY89327L
VCC
50Ω
50Ω
Figure 8. HSTL
CML
IN
/IN
3.92kΩ
1%
3.92kΩ
1%
102Ω
1%
VCC(DRIVER)
VCC
SY89327L
Figure 9. CML-AC Coupled
Short Lines
CML
IN
/IN
130Ω
1%
130Ω
1%
VCC(DRIVER)
VCC
SY89327L
82Ω
1%
82Ω
1%
VCC
Figure 10. CML-AC Coupled
Long Lines
LVDS
IN
/IN
VCC
102Ω
1%
SY89327L
Figure 11. LVDS
IN
/IN
100Ω
1%
100Ω
1%
VCC
SY89327L
105Ω
1%
105Ω
1%
SSTL_2
VDDQ
Figure 12. SSTL_2
IN
/IN
90.9Ω
1%
90.9Ω
1%
VCC
SY89327L
110Ω
1%
110Ω
1%
SSTL_3
VDDQ
Figure 13. SSTL_3


Similar Part No. - SY89327L_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89327LMITR MICREL-SY89327LMITR Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
More results

Similar Description - SY89327L_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY55857L MICREL-SY55857L_06 Datasheet
68Kb / 8P
   3.3V, 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L_06 Datasheet
41Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com