Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89473UMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89473UMGTR
Description  Precision LVPECL 2:1 Multiplexer with 1:2
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89473UMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89473UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SY89473U
May 2007
3
M9999-052207-B
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
5, 2,
23, 20
IN0, /IN0
IN1, /IN1
Differential Inputs: These input pairs are the differential signal inputs to the device.
They accept AC or DC-coupled signals as small as 100mV (200mVPP). Note that
these inputs will default to an indeterminate state if left open. Each pin of a pair
internally terminates to a VT pin through 50Ω. Please refer to the “Input Interface
Applications” section for more details.
3, 21
VREF-AC0,
VREF-AC1
Reference Voltage: These outputs bias to VCC -1.2V. They are used for AC-
coupling inputs IN and /IN. Connect VREF-AC directly to the corresponding VT pin.
Bypass with 0.01µF low ESR capacitor to VCC. Maximum sink/source current is
±1.5mA. Due to the limited drive capability, the VREF-AC pin is only intended to
drive its respective VT pin. Please refer to the “Input Interface Applications” section
for more details.
4, 22
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to
a VT pin. The VT0 and VT1 pins provide a center-tap to a termination network for
maximum interface flexibility. Please refer to the “Input Interface Applications”
section for more details.
1, 6, 9, 10, 13,
19, 24
VCC
Positive Power Supply: Connect to +2.5V or +3.3V power supply. Bypass with
0.1µF//0.01µF low ESR capacitors as close to VCC pins as possible.
7, 8
11, 12
Q0, /Q0
Q1, /Q1
Differential Outputs: These differential LVPECL output pairs are a logic function of
the IN0, IN1, and SEL inputs. Please refer to the truth table below for details.
Unused output pairs can be left floating with no impact on jitter.
15
SEL
This single-ended TTL/CMOS-compatible input selects the inputs to the
multiplexer. Note that this input is internally connected to a 25kΩ pull-up resistor
and will default to a logic HIGH state if left open. VTH = VCC/2. Please refer to the
“Timing Diagram” section for more details.
14, 17, 18
GND, Exposed
Pad
Ground: Ground pins and exposed pad must be connected to the same ground
plane.
Truth Table
INPUTS
OUTPUTS
IN0
/IN0
IN1
/IN1
SEL
Q
/Q
0
1
X
X
0
0
1
1
0
X
X
0
1
0
X
X
0
1
1
0
1
X
X
1
0
1
1
0


Similar Part No. - SY89473UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473UMGTR MICREL-SY89473UMGTR Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473UMGTR MICREL-SY89473UMGTR Datasheet
572Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
More results

Similar Description - SY89473UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473U MICREL-SY89473U_07 Datasheet
572Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
logo
Integrated Device Techn...
853S01 IDT-853S01 Datasheet
435Kb / 23P
   2:1 Differential-to-LVPECL Multiplexer
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Micrel Semiconductor
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com