Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89473UMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89473UMGTR
Description  Precision LVPECL 2:1 Multiplexer with 1:2
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89473UMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89473UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY89473UMGTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
SY89473U
May 2007
10
M9999-052207-B
hbwhelp@micrel.com or (408) 955-1690
LVPECL Output Interface Applications
LVPECL has a high input impedance, a very low
output impedance (open emitter), and a small signal
swing which results in low EMI. LVPECL is ideal for
driving
50Ω-
and-100Ω-controlled
impedance
transmission lines. There are several techniques for
terminating the LVPECL output including: Parallel
Termination-Thevenin
Equivalent,
Parallel
Termination
(3-resistor),
and
AC-coupled
Termination. Unused output pairs may be left
floating. However, single-ended outputs must be
terminated, or balanced.
Note:
1.
For +2.5V systems, R1 = 250Ω, R2 = 62.5Ω.
Figure 4a. Parallel Termination-Thevenin Equivalent
Note:
1.
Power-saving alternative to Thevenin termination.
2.
Place termination resistors as close to destination inputs as
possible.
3.
Rb resistor sets the DC bias voltage, equal to VT.
4.
For 2.5V systems, Rb = 19Ω.
Figure 4b. Parallel Termination (3-Resistor)
Related Product and Support Information
Part Number
Function
Data Sheet Link
SY89474U
Precision LVDS 2:1 Multiplexer with
1:2 Fanout and Internal Termination
www.micrel.com/product-info/products/sy89474u.shtml
SY89475U
Precision CML 2:1 Multiplexer with
1:2 Fanout and Internal Termination
www.micrel.com/product-info/products/sy89475u.shtml
HBW
Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml


Similar Part No. - SY89473UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473UMGTR MICREL-SY89473UMGTR Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473UMGTR MICREL-SY89473UMGTR Datasheet
572Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
More results

Similar Description - SY89473UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473U MICREL-SY89473U_07 Datasheet
572Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
logo
Integrated Device Techn...
853S01 IDT-853S01 Datasheet
435Kb / 23P
   2:1 Differential-to-LVPECL Multiplexer
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Micrel Semiconductor
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com