Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89540U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89540U
Description  Precision Low Jitter 4x4 LVDS Crosspoint
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89540U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89540U Datasheet HTML 1Page - Micrel Semiconductor SY89540U Datasheet HTML 2Page - Micrel Semiconductor SY89540U Datasheet HTML 3Page - Micrel Semiconductor SY89540U Datasheet HTML 4Page - Micrel Semiconductor SY89540U Datasheet HTML 5Page - Micrel Semiconductor SY89540U Datasheet HTML 6Page - Micrel Semiconductor SY89540U Datasheet HTML 7Page - Micrel Semiconductor SY89540U Datasheet HTML 8Page - Micrel Semiconductor SY89540U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
SY89540U
December 2007
M9999-120607-C
hbwhelp@micrel.com or (408) 955-1690
5
Functional Description
Buffer Mode
SY89540 can be used as a 1:4 fanout buffer. This is
the default mode with LOAD and CONFIG being HIGH
when the device is first powered up. The SIN0 and
SIN1 inputs select the input signal that will be buffered.
Regardless of the output switch selection, the input
signal will be buffered to all four outputs.
Crosspoint Mode
SY89540 can be programmed to take differential input
signals from any input and buffer the signals to one or
more outputs. Prior to configuring SIN and SOUT,
LOAD and CONFIG must be LOW. To program the
desired
I/O
combination,
follow
the
following
sequence:
1) Select the desired input with the SIN0 and
SIN1 inputs and the output with the SOUT0
and SOUT1.
2) Pulse the LOAD with a positive pulse to load
SIN and SOUT.
3) Pulse the CONFIG pin with a positive pulse to
latched the I/O configuration.
4) This
method
can
be
used
to
create
independent
paths
between
inputs
and
outputs. Below is the truth table to create a 4:4
buffer where IN0 -> Q3, IN1 -> Q2, IN2 -> Q1,
and IN3 -> Q0:
The SY89540 can be switched from crosspoint mode
to a 1:4 fanout buffer simply by providing a LOW-to-
HIGH pulse to the LOAD and CONFIG pins. The input
configuration (SIN0:1) will select the desired input
signal while the output switch will buffer the selected
input signal. To get the same desired input to all four
outputs (1:4), LOAD and CONFIG must be repeated
four times to cover all outputs (i.e., SOUT0:1 must go
through all four output combinations, repeated by
LOAD and CONFIG).
Input
SIN1
SIN0
SOUT1
SOUT0
Load
Config.
Output
0
IN0
0
0
1
1
0
Q3
0
IN1
0
1
1
0
0
Q2
0
IN2
1
0
0
1
0
Q1
0
IN3
1
1
0
0
0
Q0
Table 1. 4:4 Buffer Truth Table


Similar Part No. - SY89540U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMG MICREL-SY89540UMG Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMGTR MICREL-SY89540UMGTR Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMI MICREL-SY89540UMI Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMITR MICREL-SY89540UMITR Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
More results

Similar Description - SY89540U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com