Electronic Components Datasheet Search |
|
SY89842U Datasheet(PDF) 8 Page - Micrel Semiconductor |
|
SY89842U Datasheet(HTML) 8 Page - Micrel Semiconductor |
8 / 16 page Micrel, Inc. SY89842U March 2005 M9999-030805 hbwhelp@micrel.com or (408) 955-1690 8 Functional Description RPE MUX and Fail-Safe Input The SY89842U is optimized for clock switchover applications where switching from one clock to another clock without runt pulses (short cycles) is required. It features two unique circuits: Runt-Pulse Eliminator (RPE) Circuit The RPE MUX provides a “glitchless” switchover between two clocks and prevents any runt pulses from occurring during the switchover transition. The design of both clock inputs is identical (i.e., the switchover sequence and protection is symmetrical for both input pair, IN0 or IN1. Thus, either input pair may be defined as the primary input). If not required, the RPE function can be permanently disabled to allow the switchover between inputs to occur immediately. If the CAP pin is tied directly to VCC, the RPE function will be disabled and the multiplexer will function as a normal multiplexer. Fail-Safe Input (FSI) Circuit The FSI function provides protection against a selected input pair that drops below the minimum amplitude requirement. If the selected input pair drops sufficiently below the 100mV minimum single- ended input amplitude limit (VIN), or 200mV differentially (VDIFF_IN), the output will latch to the last valid clock state. RPE and FSI Functionality The basic operation of the RPE MUX and FSI functionality is described with the following four case descriptions. All descriptions are related to the true inputs and outputs. The primary (or selected) clock is called CLK1; the secondary (or alternate) clock is called CLK2. Due to the totally asynchronous relation of the IN and SEL signals and an additional internal protection against metastability, the number of pulses required for the operations described in cases 1-4 can vary within certain limits. Refer to “Timing Diagrams” section for detailed information. Case #1: Two Normal Clocks and RPE Enabled In this case, the frequency difference between the two running clocks, IN0 and IN1, must not be greater than 1.5:1. For example, if the IN0 clock is 500MHz, the IN1 clock must be within the range of 334MHz to 750MHz. If the SEL input changes state to select the alternate clock, the switchover from CLK1 to CLK2 will occur in three stages. • Stage 1: The output will continue to follow CLK1 for a limited number of pulses. • Stage 2: The output will remain LOW for a limited number of pulses of CLK2. • Stage 3: The output follows CLK2. Timing Diagram 1 |
Similar Part No. - SY89842U |
|
Similar Description - SY89842U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |