Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89843UMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89843UMGTR
Description  Precision LVPECL Runt Pulse Eliminator 2:1
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89843UMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89843UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 11Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 12Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 13Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
SY89843U
May 2007
10
M9999-052207-B
hbwhelp@micrel.com or (408) 955-1690
Case #3 Input Clock Failure: Switching from a
selected clock stuck Low to a valid clock (RPE
enabled).
If CLK1 fails LOW before the RPE MUX selects CLK2
(using the SEL pin), the switchover will occur in two
stages.
Stage 1: The output will remain LOW for a
limited number of falling edges of CLK2.
Stage 2: The output will follow CLK2.
Timing Diagram 3


Similar Part No. - SY89843UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89843UMGTR MICREL-SY89843UMGTR Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
More results

Similar Description - SY89843UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89842U MICREL-SY89842U_10 Datasheet
660Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1
SY89841U MICREL-SY89841U Datasheet
1Mb / 15P
   Precision LVDS Runt Pulse Eliminator 2:1 Multiplexer
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89842U MICREL-SY89842U Datasheet
668Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1 Multiplexer
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com