Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89847U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89847U
Description  1.5GHz Precision, LVDS 1:5 Fanout with 2:1
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89847U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89847U Datasheet HTML 1Page - Micrel Semiconductor SY89847U Datasheet HTML 2Page - Micrel Semiconductor SY89847U Datasheet HTML 3Page - Micrel Semiconductor SY89847U Datasheet HTML 4Page - Micrel Semiconductor SY89847U Datasheet HTML 5Page - Micrel Semiconductor SY89847U Datasheet HTML 6Page - Micrel Semiconductor SY89847U Datasheet HTML 7Page - Micrel Semiconductor SY89847U Datasheet HTML 8Page - Micrel Semiconductor SY89847U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
SY89847U
June 2007
M9999-060107-B
hbwhelp@micrel.com or (408) 955-1690
4
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ..........................–0.5V to +4.0V
Input Voltage (VIN) ..................................–0.5V to VCC
LVPECL Output Current (IOUT)
Continuous ................................................. 50mA
Surge........................................................ 100mA
Current (VT)
Source or sink on VT pin........................ ±100mA
Input Current
Source or sink current on (IN, /IN) ........... ±50mA
Current (VREF)
Source or sink current on VREF-AC
(4) ......... ±0.5mA
Maximum operating Junction Temperature .....125°C
Lead Temperature (soldering, 20sec.) .............260°C
Storage Temperature (Ts)............... –65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC).................. +2.375V to +2.625V
Ambient Temperature (TA)................ –40°C to +85°C
Package Thermal Resistance
(3)
QFN (
θ
JA)
Still-Air ..................................................... 50°C/W
QFN (
ψ
JB)
Junction-to-Board .................................... 31°C/W
DC Electrical Characteristics
(5)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
2.375
2.5
2.625
V
ICC
Power Supply Current
No load, max VCC
90
130
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input High Voltage
(IN, /IN)
0.1
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH–0.1
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 2a. Note 6
0.1
1.0
V
VDIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 2b.
0.2
V
VIN_FSI
Input Voltage Threshold that
Triggers FSI
30
100
mV
VREF-AC
Output Reference Voltage
IVREF-AC = + 0.5mA
VCC–1.3
VCC–1.2
VCC–1.1
V
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θ
JA and
ψ
JB values are determined for a 4-layer board in still air unless otherwise stated.
4. Due to the limited drive capability, use for input of the same package only.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIN (max) is specified when VT is floating.


Similar Part No. - SY89847U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89847U MICREL-SY89847U Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY89847UMG MICREL-SY89847UMG Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY89847UMGTR MICREL-SY89847UMGTR Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
More results

Similar Description - SY89847U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89846U MICREL-SY89846U_11 Datasheet
689Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1
SY89847U MICREL-SY89847U Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY89846U MICREL-SY89846U Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
SY89218U_0708 MICREL-SY89218U_0708 Datasheet
774Kb / 17P
   YPrecision 1:15 LVDS Fanout Buffer with 2:1
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com