Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89847U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89847U
Description  1.5GHz Precision, LVDS 1:5 Fanout with 2:1
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89847U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89847U Datasheet HTML 1Page - Micrel Semiconductor SY89847U Datasheet HTML 2Page - Micrel Semiconductor SY89847U Datasheet HTML 3Page - Micrel Semiconductor SY89847U Datasheet HTML 4Page - Micrel Semiconductor SY89847U Datasheet HTML 5Page - Micrel Semiconductor SY89847U Datasheet HTML 6Page - Micrel Semiconductor SY89847U Datasheet HTML 7Page - Micrel Semiconductor SY89847U Datasheet HTML 8Page - Micrel Semiconductor SY89847U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
SY89847U
June 2007
M9999-060107-B
hbwhelp@micrel.com or (408) 955-1690
5
LVDS Outputs DC Electrical Characteristics
(7)
VCC = +2.5V ±5%, RL
= 100Ω across the outputs; T
A = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Output Voltage Swing (Q, /Q)
See Figure 2a
250
325
mV
VDIFF_OUT
Differential Output Voltage Swing |Q – /Q|
See Figure 2b
500
650
mV
VOCM
Output Common Mode Voltage (Q, /Q)
See Figure 5b
1.125
1.20
1.275
V
∆V
OCM
Change in Common Mode Voltage (Q, /Q)
See Figure 5b
–50
+50
mV
LVTTL/CMOS DC Electrical Characteristics
(7)
VCC = 2.5V ±5; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
-125
30
µA
IIL
Input LOW Current
-300
µA
Note:
7. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY89847U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89847U MICREL-SY89847U Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY89847UMG MICREL-SY89847UMG Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY89847UMGTR MICREL-SY89847UMGTR Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
More results

Similar Description - SY89847U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89846U MICREL-SY89846U_11 Datasheet
689Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1
SY89847U MICREL-SY89847U Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY89846U MICREL-SY89846U Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
SY89218U_0708 MICREL-SY89218U_0708 Datasheet
774Kb / 17P
   YPrecision 1:15 LVDS Fanout Buffer with 2:1
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com