Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89847UMGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89847UMGTR
Description  1.5GHz Precision, LVDS 1:5 Fanout with 2:1
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89847UMGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89847UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89847UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89847UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89847UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89847UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89847UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89847UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89847UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89847UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SY89847U
1.5GHz Precision, LVDS 1:5 Fanout with 2:1
MUX and Fail Safe Input with Internal
Termination
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2007
M9999-060107-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY89847U is a 2.5V, 1:5 LVDS fanout buffer
with a 2:1 differential input multiplexer (MUX). A
unique Fail-Safe Input (FSI) protection prevents
metastable output conditions when the selected
input clock fails to a DC voltage (voltage between
the pins of the differential input drops significantly
below 100mV).
The differential input includes Micrel’s unique, 3-pin
internal termination architecture that can interface to
any differential signal (AC- or DC-coupled) as small
as 100mV (200mVPP) without any level shifting or
termination resistor networks in the signal path. The
outputs are LVDS compatible with very fast rise/fall
times guaranteed to be less than 210ps.
The SY89847U operates from a 2.5V ±5% supply
and
is
guaranteed
over
the
full
industrial
temperature
range
of
–40°C
to
+85°C.
The
SY89847U is part of Micrel’s high-speed, Precision
Edge
® product line.
All support documentation can be found on Micrel’s
web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• Selects between two sources, and provides 5
precision LVDS copies
• Fail-Safe Input
– Prevents outputs from oscillating when input is
invalid
• Guaranteed AC performance over temperature and
supply voltage:
– DC-to >1.5GHz throughput
– <1000ps Propagation Delay (IN-to-Q)
– <210ps Rise/Fall times
• Ultra-low jitter design:
– <1psRMS random jitter
– <1psRMS cycle-to-cycle jitter
– <10psPP total jitter (clock)
– <0.7psRMS MUX crosstalk induced jitter
• Unique, patented MUX input isolation design
minimizes adjacent channel crosstalk
• Unique, patented internal termination and VT pin
accepts DC- and AC-coupled inputs (CML, PECL,
LVDS)
• Wide input voltage range VCC to GND
• 2.5V ±5% supply voltage
• -40°C to +85°C industrial temperature range
• Available in 32-pin (5mm x 5mm) QFN package
Applications
• Fail-safe clock protection
• Ultra-low jitter LVDS clock distribution
• Rack-based Telecom/Datacom
Markets
• LAN/WAN
• Enterprise servers
• ATE
• Test and measurement


Similar Part No. - SY89847UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89847UMGTR MICREL-SY89847UMGTR Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
More results

Similar Description - SY89847UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89846U MICREL-SY89846U_11 Datasheet
689Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1
SY89847U MICREL-SY89847U Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY89846U MICREL-SY89846U Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
SY89218U_0708 MICREL-SY89218U_0708 Datasheet
774Kb / 17P
   YPrecision 1:15 LVDS Fanout Buffer with 2:1
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com