Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89852U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89852U
Description  Precision Low Power Differential 2:1
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89852U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89852U_10 Datasheet HTML 1Page - Micrel Semiconductor SY89852U_10 Datasheet HTML 2Page - Micrel Semiconductor SY89852U_10 Datasheet HTML 3Page - Micrel Semiconductor SY89852U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89852U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89852U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89852U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89852U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89852U_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
SY89852U
October 2008
M9999-100208-D
hbwhelp@micrel.com or (408) 955-1690
3
Pin Description
Pin Number
Pin Name
Pin Function
1,2,
3,4
IN, /IN
Differential Input: This input pair is the signal to be buffered. These inputs accept
AC- or DC-coupled signals as small as 100mV (200mVPP). Each pin of this pair
internally terminates to a VT pin through 50
Ω. Note that this input will default to
an indeterminate state if left open. Please refer to the “Input Interface
Applications” section for more details.
16,5
VT
Input Termination Center-Tap: Each side of the differential input pair terminates
to this pin. The VT pin provides a center-tap to a termination network for
maximum interface flexibility. See “Input Interface Applications” section for more
details.
8,13
VCC
Positive Power Supply. Bypass with 0.1
µF0.01µF low ESR capacitors as close
to the VCC pin as possible.
12,9
Q, /Q
Differential 100K LVPECL Output: This LVPECL output is the output of the
device. Terminate through 50
Ω to V
CC –2V.
PECL output requires DC path to
ground. Thus, AC-coupled applications require pull-down resistors. See “Output
Interface Applications” section.
10,11,14,15
GND,
Exposed Pad
Ground. Ground pin and exposed pad must be connected to the same ground
plane.
6
SEL
This single-ended TTL/CMOS-compatible input selects the inputs to the
multiplexer. Note that this input is internally connected to a 25K
Ω pull-up resistor
and will default to logic HIGH state if left open.
7
NC
No connect.
Truth Table
IN0
IN1
SEL
(1)
Q
0
X
0
0
1
X
0
1
X
0
1
0
X
1
1
1
Note:
1. SEL is connected to a 25k
Ω pull-up resistor and will default to logic high if left open.
Functional Block Diagram


Similar Part No. - SY89852U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89852UMG MICREL-SY89852UMG Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY89852UMGTR MICREL-SY89852UMGTR Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
More results

Similar Description - SY89852U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89855U MICREL-SY89855U_10 Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY89853U MICREL-SY89853U_10 Datasheet
577Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX
logo
Analog Devices
LTC6363 AD-LTC6363 Datasheet
735Kb / 40P
   Precision, Low Power Differential Amplifier/ADC
logo
Micrel Semiconductor
SY58028U_0708 MICREL-SY58028U_0708 Datasheet
158Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11 Datasheet
83Kb / 3P
   Low Voltage 1:2 Differential Fanout Buffer
1996 Rev 0
logo
Micrel Semiconductor
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com