Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89853U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89853U
Description  Precision Low-Power Dual 2:1 LVPECL MUX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89853U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89853U_10 Datasheet HTML 1Page - Micrel Semiconductor SY89853U_10 Datasheet HTML 2Page - Micrel Semiconductor SY89853U_10 Datasheet HTML 3Page - Micrel Semiconductor SY89853U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89853U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89853U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89853U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89853U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89853U_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SY89853U
Precision Low-Power Dual 2:1 LVPECL MUX
with Internal Termination
Precision Edge is a registered trademark of Micrel, Inc
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 2007
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY89853U features two, low jitter 2:1 differential
multiplexers with 100K LVPECL (800mV) compatible
outputs, capable of handling clocks up to 2.5GHz and
data streams up to 2.5Gbps.
The
SY89853U
differential inputs
include
Micrel’s
unique, 3-input termination architecture that allows
users to interface to any differential signal (AC- or DC-
Coupled) as small as 100mV without any level shifting
or termination resistors networks in the signal path. The
result is a clean, stub-free, low jitter interface solution.
The differential 800mV LVPECL outputs have fast
rise/fall times guaranteed to be less than 180ps.
The SY89853U operates from a 2.5V ±5% or a 3.3V
±10% supply, and is guaranteed over the full industrial
temperature range (–40°C to +85°C). For applications
that
require
higher
performance,
consider
the
SY58026U. The SY89853U is part of Micrel's Precision
Edge
®
product family.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Precision Edge
®
Features
• Dual 2:1 MUX, each channel selects from inputs
• Unique, patent-pending input isolation design
minimizes crosstalk
• Low power 210mW (V
CC = 2.5V)
• Guaranteed AC performance over temperature and
voltage:
- DC-to->2.5Gbps data rate throughput
- <360ps IN-to-Q tpd
- <180ps tr/tf times
• Ultra-low jitter design:
- <1psRMS random jitter
- <10psPP deterministic jitter
- <10psPP total jitter (clock)
- <0.7psRMS crosstalk-induced jitter
• Unique, patent-pending 50
Ω input termination and
VT pin accepts DC- and AC-coupled inputs (CML,
LVDS, PECL)
• 800mV LVPECL output swing
• Power supply 2.5V ±5% or 3.3V ±10%
• –40°C to +85°C temperature range
• Available in 32-pin (5mm x 5mm) QFN package
Applications
• Data communication systems
• All SONET OC-3 to OC-48 applications
• All Fibre Channel applications
• All GigE applications
Markets
• LAN/WAN communication
• Enterprise servers
• ATE
• Test and measurement


Similar Part No. - SY89853U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89853UMG MICREL-SY89853UMG Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
SY89853UMGTR MICREL-SY89853UMGTR Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
More results

Similar Description - SY89853U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com