Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89854U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89854U
Description  Precision Low Power 1:4 LVPECL Fanout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89854U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89854U_10 Datasheet HTML 2Page - Micrel Semiconductor SY89854U_10 Datasheet HTML 3Page - Micrel Semiconductor SY89854U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89854U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89854U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89854U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89854U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89854U_10 Datasheet HTML 9Page - Micrel Semiconductor SY89854U_10 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SY89854U
August 2007
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
6
AC Electrical Characteristics
(8)
VCC = +2.5V ±5% or +3.3V ±10%; TA = –40°C to + 85°C, RL = 50
Ω to V
CC–2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
Clock, VOUT
≥ 400mV
2.0
3.5
GHz
NRZ Data
2.5
Gbps
tpd
Propagation Delay (IN-to-Q)
VIN
≥ 100mVpk
140
220
340
ps
tpd
Tempco
Differential Propagation Delay Temperature
Coefficient
100
fs/
oC
tSKEW
Output-to-Output Skew
Note 9
4
20
ps
Part-to-Part Skew
Note 10
150
ps
tJitter
Random Jitter (RJ)
Deterministic Jitter (DJ)
Note 11
1
psRMS
Note 12
10
psPP
Cycle-to-Cycle Jitter
Total Jitter
Note 13
Note 14
1
10
psRMS
psPP
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing.
50
100
180
ps
Notes:
8. High-frequency AC-parameters are guaranteed by design and characterization.
9. Output-to-output skew is measured between outputs under identical conditions.
10. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at
the respective inputs. Part-to-part skew includes variation in tpd.
11. Random jitter is measured with a K28.7 character pattern, measured at 2.5Gbps.
12. DJ is measured at 2.5Gbps, with both K28.5 and 2
23 – 1 PRBS pattern.
13. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
14. Total jitter definition: with an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.


Similar Part No. - SY89854U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89854UMG MICREL-SY89854UMG Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854UMG MICREL-SY89854UMG Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854UMGTR MICREL-SY89854UMGTR Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854UMGTR MICREL-SY89854UMGTR Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results

Similar Description - SY89854U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898533L MICREL-SY898533L Datasheet
484Kb / 11P
   Precision Differential 3.3V Low Skew LVPECL 1:4 Fanout Buffer
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY89855U MICREL-SY89855U_10 Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY89221U_0708 MICREL-SY89221U_0708 Datasheet
834Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com