Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQA0011DNS Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RQA0011DNS
Description  Silicon N-Channel MOS FET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0011DNS Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RQA0011DNS_12 Datasheet HTML 7Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 8Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 9Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 10Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 11Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 12Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 13Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 14Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
RQA0011DNS
Preliminary
R07DS0095EJ0600 Rev.6.00
Page 11 of 32
Mar 19, 2012
Evaluation Circuit 4 (@VDD = 3.6 V Tuning, f = 520 MHz)
OUT
IN
VGG
VDD
C1
C2
C3
C4
C5
C6
C7
C8
C9
C11
L1
L2
L3
R1
R2
C1, C11: 1000 pF Chip Capacitor
C2:
20 pF Chip Capacitor
C3, C10: 10 pF Chip Capacitor
C4, C7:
100 pF Chip Capacitor
C5, C8:
1
μF /+16V Chip Tantalum Capacitor
C6:
5 pF Chip Capacitor
C9:
27 pF Chip Capacitor
L1:
1.5 nH Chip Inductor
L2:
8 Turns D : 0.5mm ,
φ2.4 mm Enamel Wire
L3:
1.2 nH Chip Inductor
R1:
200
Ω Chip Resistor
R2:
3 k
Ω Chip Resistor
C10
50
Ω
50
Ω


Similar Part No. - RQA0011DNS_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0011DNS RENESAS-RQA0011DNS_15 Datasheet
373Kb / 37P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0011DNS_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com