Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQA0011DNS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RQA0011DNS
Description  Silicon N-Channel MOS FET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0011DNS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RQA0011DNS_12 Datasheet HTML 6Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 7Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 8Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 9Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 10Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 11Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 12Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 13Page - Renesas Technology Corp RQA0011DNS_12 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
RQA0011DNS
Preliminary
R07DS0095EJ0600 Rev.6.00
Page 10 of 32
Mar 19, 2012
300
350
400
350
400
300
20
50
0
2
30
10
1
3
5678
9
3
0
2
1
3
10
30
50
20
40
0
10
5
25
15
30
20
30
40
50
60
70
20
80
40
4
4
4
3
4
5678
0
40
20
60
0
20
40
10
30
80
9
VDS = 7.5 V
IDQ = 200 mA
Pin = +25 dBm
ID
Pout
PG
PAE
VDS = 7.5 V
IDQ = 200 mA
Pin = +25 dBm
0
100
200
300
500
400
10
50
30
20
0
1
4
3
2
40
0
100
200
300
500
400
0
10
30
20
0
20
60
40
40
80
f = 360 MHz
IDQ = 200 mA
Pin = +25 dBm
Pout
ID
f = 360 MHz
VDS = 7.5 V
Pin = +25 dBm
Pout
ID
PG
PAE
f = 360 MHz
IDQ = 200 mA
Pin = +25 dBm
PG
PAE
f = 360 MHz
VDS = 7.5 V
Pin = +25 dBm
Frequency f (MHz)
Output Power, Drain Current
vs. Frequency
Power Gain, Power Added Efficiency,
vs. Frequency
Frequency f (MHz)
Output Power, Drain Current,
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
Drain to Source Voltage VDS (V)
Power Gain, Power Added Efficiency,
vs. Drain to Source Voltage
Idling Current IDQ (mA)
Output Power, Drain Current,
vs. Idling Current
Idling Current IDQ (mA)
Power Gain, Power Added Efficiency,
vs. Idling Current


Similar Part No. - RQA0011DNS_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0011DNS RENESAS-RQA0011DNS_15 Datasheet
373Kb / 37P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0011DNS_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com