Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJU6053TDPP-EJ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJU6053TDPP-EJ
Description  Single Diode Ultra Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJU6053TDPP-EJ Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJU6053TDPP-EJ Datasheet HTML 1Page - Renesas Technology Corp RJU6053TDPP-EJ Datasheet HTML 2Page - Renesas Technology Corp RJU6053TDPP-EJ Datasheet HTML 3Page - Renesas Technology Corp RJU6053TDPP-EJ Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0383EJ0100 Rev.1.00
Page 1 of 3
Apr 26, 2011
Preliminary Datasheet
RJU6053TDPP-EJ
Single Diode
Ultra Fast Recovery Diode
Features
• Ultra fast reverse recovery time: t
rr = 25 ns typ. (at IF = 20 A, di/dt = 100 A/μs)
• Low forward voltage: V
F = 2.5 V typ. (at IF = 20 A)
• Low reverse current: I
R = 1 μA max. (at VR = 600 V)
Outline
1
2
1. Cathode
2. Anode
2
1
RENESAS Package code: PRSS0002ZA-A
(Package name: TO-220FP-2L)
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Maximum reverse voltage
VRM
600
V
Tc = 25
°C
IF
20
A
Continuous forward current
Tc = 100
°C
IF
10
A
Peak surge forward current
IFSM
60
A
Junction to case thermal resistance
θj-cd
2.5
°C/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Forward Voltage
VF
2.5
3.0
V
IF = 20 A
Reverse current
IR
1
μA
VR = 600 V
Reverse Recovery Time
trr
25
ns
IF = 20 A, di/dt = 100 A/μs
R07DS0383EJ0100
Rev.1.00
Apr 26, 2011


Similar Part No. - RJU6053TDPP-EJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU6053TDPP-EJ RENESAS-RJU6053TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
More results

Similar Description - RJU6053TDPP-EJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6053TDPP-EJ RENESAS-RJU6053TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ_15 Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052SDPE RENESAS-RJU6052SDPE_15 Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE_15 Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052SDPD RENESAS-RJU6052SDPD Datasheet
80Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6054SDPE RENESAS-RJU6054SDPE Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com