Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY60 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. CGY60
Description  GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY60 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GaAs MMIC
CGY 60
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 3/7
12.01.96
HL EH PD 21
Electrical characteristics in PCN-, DECT-application circuit
TA = 25°C
f=1850MHz
RS = RL = 50
unless otherwise specified
Characteristics
Symbol
min
typ
max
Unit
Drain current
ID
-6
9
mA
Power Gain
Ud = 3V
Ud = 5V
G
-
-
12.5
13.5
-
-
dB
Noise figure
Ud = 3V
Ud = 5V
F
-
-
1.90
1.85
-
-
dB
Input return loss
Ud = 3V
Ud = 5V
RLin
-
-
14.5
14.5
-
-
dB
Output return loss
Ud = 3V
Ud = 5V
RLout
-
-
14
14
-
-
dB
Third order input intercept point
two-tone intermodulation test
f1 = 1850MHz, f2 = 1851MHz
Pin = -20dBm (both carriers)
Ud = 3V
Ud = 5V
IP3
-
-
0
2
-
-
dBm
Input power at
1dB gain compression
Ud = 3V
Ud = 5V
P-1dB
-
-
-7
-5
-
-
dBm


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFS480NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121AGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
LM1837Low Noise PREAMPLIFIER FOR AUTOREVERSING TAPE PLAYBACK SYSTEMS 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn