Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY60 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. CGY60
Description  GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY60 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GaAs MMIC
CGY 60
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 6/7
12.01.96
HL EH PD 21
Typical S- and Noise-Parameters
VD = 3 V Zo = 50Ω
f/GHz
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.97
-5
2.98
-135
0.005
80
0.74
-34
0.2
0.97
-9
3.85
-162
0.009
77
0.51
-44
0.3
0.96
-14
4.13
-177
0.013
74
0.41
-47
0.4
0.94
-19
4.27
172
0.017
73
0.35
-48
0.5
0.93
-23
4.35
163
0.021
71
0.33
-49
0.6
0.91
-29
4.40
155
0.026
67
0.31
-51
0.7
0.88
-34
4.45
148
0.029
65
0.30
-54
0.8
0.85
-40
4.48
140
0.033
63
0.29
-58
0.9
0.81
-46
4.51
132
0.037
60
0.29
-63
1.0
0.76
-52
4.55
125
0.042
54
0.28
-69
1.1
0.71
-59
4.60
117
0.045
50
0.27
-74
1.2
0.64
-66
4.62
110
0.048
46
0.26
-80
1.3
0.58
-74
4.63
102
0.051
41
0.26
-86
1.4
0.51
-83
4.61
94
0.053
36
0.25
-93
1.5
0.43
-93
4.58
85
0.054
31
0.24
-101
1.6
0.34
-106
4.51
77
0.055
26
0.23
-109
1.7
0.26
-122
4.40
69
0.055
20
0.22
-118
1.8
0.19
-149
4.30
60
0.054
15
0.21
-128
1.9
0.15
172
4.13
51
0.051
11
0.20
-140
2.0
0.18
131
3.94
43
0.049
5
0.19
-151
2.1
0.24
106
3.73
35
0.046
2.5
0.18
-163
2.2
0.32
90
3.56
27
0.043
-5
0.18
177
2.3
0.39
78
3.33
20
0.038
-9
0.18
170
2.4
0.46
69
3.09
13
0.033
-11
0.18
160
2.5
0.52
61
2.87
5
0.028
-12
0.19
151
fFmin
ΓΓopt
RN
MAG
ANG
GHz
dB
-
deg
0.9
1.27
0.70
27
47.8
1.3
1.35
0.63
39
32.7
1.8
1.50
0.42
59
18.2
2.0
1.60
0.30
62
15.0


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFS480NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121AGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
LM1837Low Noise PREAMPLIFIER FOR AUTOREVERSING TAPE PLAYBACK SYSTEMS 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn