Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP6065DPM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP6065DPM
Description  Silicon N Channel IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP6065DPM Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP6065DPM Datasheet HTML 1Page - Renesas Technology Corp RJP6065DPM Datasheet HTML 2Page - Renesas Technology Corp RJP6065DPM Datasheet HTML 3Page - Renesas Technology Corp RJP6065DPM Datasheet HTML 4Page - Renesas Technology Corp RJP6065DPM Datasheet HTML 5Page - Renesas Technology Corp RJP6065DPM Datasheet HTML 6Page - Renesas Technology Corp RJP6065DPM Datasheet HTML 7Page - Renesas Technology Corp RJP6065DPM Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RJP6065DPM
Preliminary
R07DS0204EJ0100 Rev.1.00
Page 3 of 7
Nov 19, 2010
Main Characteristics
Typical Output Characteristics
100
80
60
40
20
123
45
0
0
Collector to Emitter Voltage VCE (V)
100
80
60
40
20
0
10
8
6
4
2
0
Pulse Test
Ta = 25°C
9 V
V
GE = 6 V
6.5 V
8.5 V
7 V
7.5 V
8 V
15 V
10 V
0
48
12
20
16
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
40 A
Pulse Test
Ta = 25°C
Gate to Emitter Voltage VGE (V)
Typical Transfer Characteristics
02
468
10
VCE = 10 V
Pulse Test
Gate to Emitter Voltage VGE (V)
25°C
75°C
–25
°C
Tc = 125
°C
Collector to Emitter Voltage VCE (V)
Maximum Safe Operation Area
1000
100
1
10
0.01
0.1
0.1
1
100
10
1000
Tc = 25
°C
Single pulse
PW
=
10
μs
IC = 20 A
60 A
Case Temperature Tc (°C)
Maximum DC Collector Current vs.
Case Temperature
02550
100
75
125 150175
02550
100
75
125 150175
Case Temperature Tc (°C)
Collector Dissipation vs.
Case Temperature
60
50
40
30
20
10
0
60
50
40
30
20
10
0


Similar Part No. - RJP6065DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJP6065DPM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com