Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP4010AGE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJP4010AGE
Description  Nch IGBT for Strobe Flash
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP4010AGE Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJP4010AGE Datasheet HTML 1Page - Renesas Technology Corp RJP4010AGE Datasheet HTML 2Page - Renesas Technology Corp RJP4010AGE Datasheet HTML 3Page - Renesas Technology Corp RJP4010AGE Datasheet HTML 4Page - Renesas Technology Corp RJP4010AGE Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RJP4010AGE
Preliminary
R07DS0371EJ0300 Rev.3.00
Page 4 of 4
Apr 27, 2011
Package Dimensions
e1
bp
D
E
A
c
e
y
HE
Lp
θ
3.05
0°4°
2.85
0.10
0.15
0.20
0.32
0.01
0.10
0.935
1.10
2.40
2.50
3.00
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
2.50
A1
3.05
2.65
0.45
0.65
0.60
0.30
0.10
2.95
2.30
3.10
0.40
0.25
P-TSOJ8-2.4x3.05-0.65
0.022g
TSOJ-8
MASS[Typ.]
PTSJ0008JA-A
RENESAS Code
JEITA Package Code
Previous Code
D
e
bp
y
c
θ
*1
NOTE)
1. DIMENSIONS"*1"AND"*2"
DO NOT INCLUDE MOLD
FLASH.
Ordering Information
Orderable Part No.
Quantity
Shipping Container
RJP4010AGE-00-P5
3000 pcs
Taping


Similar Part No. - RJP4010AGE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4010AGE RENESAS-RJP4010AGE_15 Datasheet
84Kb / 5P
   400V, 150A, IGBT for Strobe Flash
More results

Similar Description - RJP4010AGE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
   Nch IGBT for Strobe Flash
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
   Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ASA RENESAS-RJP4003ASA Datasheet
136Kb / 5P
   Nch IGBT for Strobe Flash
CY25BAJ-8F RENESAS-CY25BAJ-8F Datasheet
57Kb / 4P
   Nch IGBT for Strobe Flash
RJP4301APP RENESAS-RJP4301APP_09 Datasheet
191Kb / 5P
   Nch IGBT for Strobe Flash
RJP4007ANS RENESAS-RJP4007ANS Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
   Nch IGBT for Strobe Flash
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com