Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY59 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. CGY59
Description  GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY59 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GaAs MMIC
CGY 59
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 1/8
12.01.96
HL EH PD 21
P r e l i m i n a r y d a t a
* Low noise preamplifier for mobile communication
(PCN, DECT, GSM) in 2.7V to 6V systems
* Biased monolithic microwave IC (MMIC)
* Easily matchable to 50
* No bias coil needed
* Single positive supply voltage
* Low noise figure and high gain
NF=1.3dB, G=16.5dB @ 3V, 950MHz (typ.)
NF=1.7dB, G=12dB @ 3V, 1.85GHz (typ.)
* Low power consumption
* Frequency range 200 MHz ... 2.5 GHz
* Miniature package MW6 based on SOT23
ESD:
Electrostatic discharge sensitive device,
observe handling precautions!
6
5
4
3
2
1
Vd
RF-GND
DC-GND
RF-GND
RF-out
RF-in
Type
Marking
Ordering code
(taped)
Package 1)
CGY 59
Y5
Q68000-A8887
MW-6
Maximum ratings
Symbol
Unit
Drain voltage
VD
8V
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
-55...+150
°C
Total power dissipation (TS < 132°C) 2)
Ptot
80
mW
Thermal resistance
Channel-soldering point (GND)
RthChS
< 220
K/W
Junction-ambient 3)
RthJA
< 300
K/W
1) Dimensions see chapter Package Outlines
2) Please care for sufficient heat dissipation on the pcb!
3) Package mounted on alumina 15mm x16.7 mm x0.7 mm


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFS480NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121AGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
LM1837Low Noise PREAMPLIFIER FOR AUTOREVERSING TAPE PLAYBACK SYSTEMS 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn