Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGY59 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. CGY59
Description  GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

CGY59 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GaAs MMIC
CGY 59
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 6/8
12.01.96
HL EH PD 21
Typical S- and Noise-Parameters
VD = 3 V
Zo = 50Ω
f/GHz
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.999
-4
4.30
-177
0.006
-75
0.261
-17
0.2
0.998
-6.6
4.32
-173
0.011
97.6
0.251
-10
0.3
0.997
-10
4.30
-167
0.010
94
0.247
-11
0.4
0.982
-14
4.26
161
0.016
76
0.238
-12
0.5
0.970
-18
4.24
156
0.019
78
0.232
-13
0.6
0.958
-21
4.16
151
0.020
78
0.226
-15
0.7
0.940
-24
4.13
146
0.023
73
0.221
-16
0.8
0.918
-27
4.02
141
0.026
79
0.218
-18
0.9
0.889
-32
3.91
136
0.031
79
0.209
-22
1.0
0.870
-34
3.82
132
0.033
76
0.195
-21
1.1
0.845
-37
3.76
128
0.036
75
0.189
-23
1.2
0.829
-39
3.63
123
0.039
73
0.186
-24
1.3
0.806
-42
3.58
119
0.041
72
0.177
-24
1.4
0.789
-45
3.47
115
0.043
71
0.173
-24
1.5
0.765
-47
3.39
111
0.046
71
0.166
-24
1.6
0.748
-50
3.29
107
0.046
72
0.159
-24
1.7
0.725
-52
3.21
104
0.051
71
0.154
-22
1.8
0.703
-54
3.14
100
0.051
71
0.147
-21
1.9
0.695
-56
3.08
97
0.055
69
0.140
-18
2.0
0.664
-58
2.98
93
0.056
71
0.135
-15
2.1
0.644
-59
2.86
90
0.059
70
0.129
-13
2.2
0.631
-61
2.83
86
0.062
69
0.123
-9.6
2.3
0.605
-63
2.79
83
0.063
69
0.114
-3.4
2.4
0.590
-65
2.70
80
0.064
69
0.109
2.7
2.5
0.570
-67
2.65
76
0.065
70
0.106
9.2
f
Fmin
ΓΓopt
RN
MAG
ANG
GHz
dB
-
deg
0.8
1.15
0.77
19
59.7
1.0
1.19
0.74
22
56.4
1.2
1.24
0.72
27
54.0
1.4
1.31
0.71
32
51.8
1.6
1.39
0.70
36
49.6
1.8
1.49
0.68
39
47.3
2.0
1.62
0.66
43
43.9
S- and noise-parameters are also available on CD-ROM.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFS480NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280NPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP280WNPN Silicon RF Transistor For low noise low-power amplifiers in mobile communication systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121AGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
LM1837Low Noise PREAMPLIFIER FOR AUTOREVERSING TAPE PLAYBACK SYSTEMS 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn