Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP63F3DPP-M0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP63F3DPP-M0
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP63F3DPP-M0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP63F3DPP-M0 Datasheet HTML 1Page - Renesas Technology Corp RJP63F3DPP-M0 Datasheet HTML 2Page - Renesas Technology Corp RJP63F3DPP-M0 Datasheet HTML 3Page - Renesas Technology Corp RJP63F3DPP-M0 Datasheet HTML 4Page - Renesas Technology Corp RJP63F3DPP-M0 Datasheet HTML 5Page - Renesas Technology Corp RJP63F3DPP-M0 Datasheet HTML 6Page - Renesas Technology Corp RJP63F3DPP-M0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJP63F3DPP-M0
Preliminary
R07DS0321EJ0200 Rev.2.00
Page 3 of 6
May 26, 2011
Main Characteristics
Typical Output Characteristics (2)
Typical Transfer Characteristics
200
160
120
80
40
2468
10
Typical Output Characteristics (1)
100
80
60
40
20
12345
Collector Current IC (A)
Maximum Safe Operation Area
1000
100
10
1
10
100
1
0.01
0.1
1000
0
20
40
60
80
100
0
0
0
0
0
2468
10
10 μ
s
0
2
6
4
8
048
12
20
16
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Collector to Emitter Saturation Voltage
vs. Collector Current (Typical)
80 A
40 A
0.1
1
10
1
10
100
75°C
Tc = 125
°C
Pulse Test
Ta = 25°C
VGE = 15 V
Pulse Test
VCE = 10 V
Pulse Test
Collector to Emitter Voltage VCE (V)
Collector to Emitter Voltage VCE (V)
Collector to Emitter Voltage VCE (V)
Gate to Emitter Voltage VGE (V)
Gate to Emitter Voltage VGE (V)
Ta = 25°C
1 shot pulse
75°C
Pulse Test
Ta = 25°C
Pulse Test
Ta = 25°C
6 V
5.5 V
V
GE = 5 V
V
GE = 5 V
6 V
6.5 V
5.5 V
7 V
7.5 V
8.5 V
8 V
10 V
15 V
9 V
6.5 V
7.5 V
8 V
7 V
15 V
10 V
IC = 120 A
Tc = 125
°C
25°C
12 V
25°C


Similar Part No. - RJP63F3DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP63F3DPP-M0 RENESAS-RJP63F3DPP-M0 Datasheet
186Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63F3DPP-M0 RENESAS-RJP63F3DPP-M0_15 Datasheet
186Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJP63F3DPP-M0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com