Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP60F4DPM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP60F4DPM
Description  600 V - 30 A - IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP60F4DPM Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP60F4DPM Datasheet HTML 1Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 2Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 3Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 4Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 5Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 6Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJP60F4DPM
Preliminary
R07DS0586EJ0100 Rev.1.00
Page 2 of 6
Nov 25, 2011
Electrical Characteristics
(Tj = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
100
A
VCE = 600V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4
8
V
VCE = 10V, IC = 1 mA
VCE(sat)
1.4
1.82
V
IC = 30 A, VGE = 15V
Note3
Collector to emitter saturation voltage
VCE(sat)
1.7
V
IC = 60 A, VGE = 15V
Note3
Input capacitance
Cies
1900
pF
Output capacitance
Coes
70
pF
Reverse transfer capacitance
Cres
33
pF
VCE = 25 V
VGE = 0 V
f = 1 MHz
td(on)
45
ns
tr
150
ns
td(off)
70
ns
Switching time
tf
80
ns
IC = 30 A,
VCE = 400 V, VGE = 15 V
Rg = 5
Note3
Inductive load
Notes: 3. Pulse test


Similar Part No. - RJP60F4DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60F4DPM RENESAS-RJP60F4DPM_15 Datasheet
85Kb / 7P
   600 V - 30 A - IGBT High Speed Power Switching
More results

Similar Description - RJP60F4DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F4DPQ-A0 RENESAS-RJH60F4DPQ-A0_15 Datasheet
88Kb / 8P
   600 V - 30 A - IGBT High Speed Power Switching
RJP60F4DPM RENESAS-RJP60F4DPM_15 Datasheet
85Kb / 7P
   600 V - 30 A - IGBT High Speed Power Switching
RJH60F5DPQ-A0 RENESAS-RJH60F5DPQ-A0_15 Datasheet
94Kb / 8P
   600 V - 40 A - IGBT High Speed Power Switching
RJH6086BDPK RENESAS-RJH6086BDPK_15 Datasheet
100Kb / 8P
   600 V - 45 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE_15 Datasheet
87Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F3DPQ-A0 RENESAS-RJH60F3DPQ-A0 Datasheet
94Kb / 8P
   600 V - 20 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE Datasheet
87Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0_15 Datasheet
95Kb / 8P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F6DPQ-A0 RENESAS-RJH60F6DPQ-A0_15 Datasheet
95Kb / 8P
   600 V - 45 A - IGBT High Speed Power Switching
RJP60F0DPM RENESAS-RJP60F0DPM_15 Datasheet
86Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com