Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP60D0DPE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJP60D0DPE
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP60D0DPE Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJP60D0DPE Datasheet HTML 1Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 2Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 3Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 4Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 5Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 6Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0172EJ0100 Rev.1.00
Page 1 of 6
Nov 15, 2010
Preliminary Datasheet
RJP60D0DPE
Silicon N Channel IGBT
High Speed Power Switching
Features
 Short circuit withstand time (5 s typ.)
 Low collector to emitter saturation voltage
VCE(sat) = 1.6 V typ. (IC = 22 A, VGE = 15 V, Ta = 25°C)
 Gate to emitter voltage rating 30 V
 Pb-free lead plating and chip bonding
Outline
1. Gate
2. Collector
3. Emitter
4. Collecotor
C
G
E
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK (S)-(1) )
1
2
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage
VCES
600
V
Gate to emitter voltage
VGES
±30
V
Tc = 25°C
IC
45
A
Collector current
Tc = 100°C
IC
22
A
Collector peak current
ic(peak)
Note1
90
A
Collector dissipation
PC
Note2
122
W
Junction to case thermal impedance
j-c Note2
1.02
°C/ W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tc = 25
C
R07DS0172EJ0100
Rev.1.00
Nov 15, 2010


Similar Part No. - RJP60D0DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60D0DPE RENESAS-RJP60D0DPE_15 Datasheet
83Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJP60D0DPE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com