Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6024DPE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK6024DPE
Description  600V - 0.4A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6024DPE Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK6024DPE Datasheet HTML 1Page - Renesas Technology Corp RJK6024DPE Datasheet HTML 2Page - Renesas Technology Corp RJK6024DPE Datasheet HTML 3Page - Renesas Technology Corp RJK6024DPE Datasheet HTML 4Page - Renesas Technology Corp RJK6024DPE Datasheet HTML 5Page - Renesas Technology Corp RJK6024DPE Datasheet HTML 6Page - Renesas Technology Corp RJK6024DPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0424EJ0200 Rev.2.00
Page 1 of 6
Feb 27, 2012
Preliminary Datasheet
RJK6024DPE
600V - 0.4A - MOS FET
High Speed Power Switching
Features
 Low on-resistance
RDS(on) = 28  typ. (at ID = 0.2 A, VGS = 10 V, Ta = 25C)
 Low leakage current
 High speed switching
Outline
1
2
3
4
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK(S)-(1) )
1. Gate
2. Drain
3. Source
4. Drain
D
G
S
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
30
V
Drain current
ID
0.4
A
Drain peak current
ID (pulse)
Note1
0.6
A
Body-drain diode reverse drain current
IDR
0.4
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
0.6
A
Channel dissipation
Pch
Note2
20
W
Channel to case thermal impedance
ch-c
6.25
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tc = 25
C
R07DS0424EJ0200
Rev.2.00
Feb 27, 2012


Similar Part No. - RJK6024DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6024DPE RENESAS-RJK6024DPE_15 Datasheet
86Kb / 7P
   600V - 0.4A - MOS FET High Speed Power Switching
More results

Similar Description - RJK6024DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6024DPE RENESAS-RJK6024DPE_15 Datasheet
86Kb / 7P
   600V - 0.4A - MOS FET High Speed Power Switching
RJK6024DPD RENESAS-RJK6024DPD_12 Datasheet
79Kb / 7P
   600V - 0.4A - MOS FET High Speed Power Switching
RJK6024DPD RENESAS-RJK6024DPD_15 Datasheet
79Kb / 7P
   600V - 0.4A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
RJK6015DPM RENESAS-RJK6015DPM_15 Datasheet
86Kb / 7P
   600V - 21A - MOS FET High Speed Power Switching
RJK6025DPE RENESAS-RJK6025DPE_15 Datasheet
81Kb / 7P
   600V - 0.8A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com