Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6012DPP-E0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK6012DPP-E0
Description  600V - 10A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6012DPP-E0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK6012DPP-E0 Datasheet HTML 1Page - Renesas Technology Corp RJK6012DPP-E0 Datasheet HTML 2Page - Renesas Technology Corp RJK6012DPP-E0 Datasheet HTML 3Page - Renesas Technology Corp RJK6012DPP-E0 Datasheet HTML 4Page - Renesas Technology Corp RJK6012DPP-E0 Datasheet HTML 5Page - Renesas Technology Corp RJK6012DPP-E0 Datasheet HTML 6Page - Renesas Technology Corp RJK6012DPP-E0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK6012DPP-E0
Preliminary
R07DS0611EJ0100 Rev.1.00
Page 5 of 6
Mar 16, 2012
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Waveform
10
1
0.1
0.001
0.01
10
μ
100
μ
1 m10 m100 m1
10
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
Vin Monitor
D.U.T.
Vin
10 V
RL
VDD
= 300 V
Vout
Monitor
10
Ω
TC = 25°C
0.02
0.1
0.5
0.05
0.01
0.2
D = 1
1 S
hot
Pu
lse
θch–c(t) = γ
S (t) • θch–c
θch–c = 4.17°C/W, T
C = 25°C
PDM
PW
T
D =
T
PW


Similar Part No. - RJK6012DPP-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
More results

Similar Description - RJK6012DPP-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_15 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6012DPP-A0 RENESAS-RJK6012DPP-A0 Datasheet
156Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
Nov.15.2019
RJK60S2DPD RENESAS-RJK60S2DPD Datasheet
97Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0_13 Datasheet
104Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0_15 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJK5035DPP-A0 RENESAS-RJK5035DPP-A0 Datasheet
170Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
Mar.10.2021
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com