Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0215DPA Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RJK0215DPA
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0215DPA Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RJK0215DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0215DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0215DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0215DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0215DPA Datasheet HTML 7Page - Renesas Technology Corp RJK0215DPA Datasheet HTML 8Page - Renesas Technology Corp RJK0215DPA Datasheet HTML 9Page - Renesas Technology Corp RJK0215DPA Datasheet HTML 10Page - Renesas Technology Corp RJK0215DPA Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RJK0215DPA
Preliminary
R07DS0207EJ0110 Rev.1.10
Page 9 of 10
Sep 05, 2011
D. U. T
Rg
50
Ω
IAP
Monitor
VDS
Monitor
VDD
Vin
15 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
Vin Monitor
D.U.T.
Vin
10 V
RL
VDS
= 10 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
Rg
3
1
0.3
0.1
0.03
0.01
1 m
10 m
100 m
1
10
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
Avalanche Test Circuit
Avalanche Waveform
Switching Time Test Circuit
Switching Time Waveform
10
μ
100
μ
DM
P
PW
T
D =
PW
T
θch − c(t) = γs (t) • θch − c
θch − c = 5.0°C/W, Tc = 25°C


Similar Part No. - RJK0215DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0210DPA RENESAS-RJK0210DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
RJK0210DPA RENESAS-RJK0210DPA Datasheet
133Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0210DPA-00-J53 RENESAS-RJK0210DPA-00-J53 Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
RJK0210DPA-00-J5A RENESAS-RJK0210DPA-00-J5A Datasheet
133Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0210DPA RENESAS-RJK0210DPA_10 Datasheet
133Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0215DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0389DPA RENESAS-RJK0389DPA Datasheet
113Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2126RP RENESAS-HAT2126RP Datasheet
263Kb / 17P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0383DPA RENESAS-RJK0383DPA Datasheet
114Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP Datasheet
130Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA_09 Datasheet
358Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2210R RENESAS-HAT2210R Datasheet
116Kb / 12P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0214DPA RENESAS-RJK0214DPA Datasheet
260Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0230DPA RENESAS-RJK0230DPA Datasheet
221Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP_10 Datasheet
115Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0223DNS RENESAS-RJK0223DNS Datasheet
81Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com